Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-CCA049V1 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STEVAL-CCA049V1
Description  Automatic zero-detect mute
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCA049V1 Fiches technique(HTML) 1 Page - STMicroelectronics

  STEVAL-CCA049V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCA049V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCA049V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCA049V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
November 2012
Doc ID 023901 Rev 1
1/4
4
STEVAL-CCA049V1
STA335ML Sound Terminal® 2-channel microless high efficiency
digital audio system board
Data brief
Features
2 x 20 W into 8
Ω = 18 V
5 V to 26 V operating supply voltage range
30 V absolute maximum rating
DDXR 100 dB dynamic range
Selectable 32 kHz to 48 kHz input sample rates
Automatic zero-detect mute
2-channel I2S input data interface
2 volume selection (0 and +24 dB)
2 master clock selection (256 or 364 * fs)
2 digital format selection (I2S and LSB)
RoHS compliant
Description
The STEVAL-CCA049V1 demonstration board is
based on the STA335ML Sound Terminal® digital
amplifier. It provides full digital audio streaming to
the speakers and offers cost effectiveness, low
power dissipation, sound enrichment and DDX®
power output stage.
To evaluate the STA335ML, the STEVAL-
CCA049V1 does not require a microcontroller,
and it accepts the universal I2S format. However,
the board may be connected to APWlink
(STEVAL-CCA035V1) as I2S interface.
www.st.com


Numéro de pièce similaire - STEVAL-CCA049V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-CCA042V1 STMICROELECTRONICS-STEVAL-CCA042V1 Datasheet
107Kb / 4P
   20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV Data brief
October 2012 Rev 1
STEVAL-CCA044V1 STMICROELECTRONICS-STEVAL-CCA044V1 Datasheet
93Kb / 4P
   Standby and mute features
January 2013 Rev 1
More results

Description similaire - STEVAL-CCA049V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STA333SML STMICROELECTRONICS-STA333SML Datasheet
502Kb / 17P
   Automatic zero-detect mute
March 2014 Rev 2
logo
CML Microcircuits
CMX7164 CMLMICRO-CMX7164 Datasheet
4Mb / 146P
   Automatic frame sync detect
logo
Power Integrations, Inc...
CAP002DG POWERINT-CAP002DG Datasheet
604Kb / 8P
   Zero Loss Automatic X Capacitor Discharge IC
CAP002DG-TL POWERINT-CAP002DG-TL Datasheet
604Kb / 8P
   Zero Loss Automatic X Capacitor Discharge IC
logo
Texas Instruments
TLV320AIC1109 TI1-TLV320AIC1109_14 Datasheet
371Kb / 28P
[Old version datasheet]   Earphone Mute and Microphone Mute
logo
Rohm
BA336 ROHM-BA336 Datasheet
107Kb / 7P
   Mute detector IC
BA3703F ROHM-BA3703F Datasheet
71Kb / 4P
   Mute detector IC
logo
Copal Electronics
CL-DB COPAL-CL-DB Datasheet
571Kb / 4P
   DETECT SWITCHES
SPB101 COPAL-SPB101 Datasheet
183Kb / 1P
   Detect Switches
CF-DA COPAL-CF-DA Datasheet
235Kb / 2P
   Detect Switches
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com