Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

744776247 Fiches technique(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 744776247
Description  WE-PD2 SMD Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744776247 Fiches technique(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744776247_15 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744776247_15 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744776247_15 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744776247_15 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744776247_15 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744776247_15 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.4
1.3
1.2
1.1
1.0
REV
2015-05-18
2014-06-23
2014-03-26
2013-04-18
2004-10-11
DATE
SSt
SSt
SSt
SSt
MST
BY
ALa
SSt
SSt
ALa
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PD2 SMD Power Inductor
Order.- No.
744776247
SIZE
A4
Size: 1054
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-120 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 744776247_15

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
744776247 WURTH-744776247 Datasheet
158Kb / 3P
   POWER-CHOKE WE-PD2
More results

Description similaire - 744776247_15

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
744773018 WURTH-744773018_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
7447745012 WURTH-7447745012_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
74477450012 WURTH-74477450012_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
7447732122 WURTH-7447732122 Datasheet
483Kb / 6P
   WE-PD2 SMD Power Inductor
7447732068 WURTH-7447732068 Datasheet
483Kb / 6P
   WE-PD2 SMD Power Inductor
74477510 WURTH-74477510_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
7447732022 WURTH-7447732022 Datasheet
468Kb / 6P
   WE-PD2 SMD Power Inductor
001.000
74477450027 WURTH-74477450027_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
7447732047 WURTH-7447732047 Datasheet
483Kb / 6P
   WE-PD2 SMD Power Inductor
7447732110 WURTH-7447732110 Datasheet
483Kb / 6P
   WE-PD2 SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com