Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74438357068 Fiches technique(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 74438357068
Description  WE-MAPI SMD Shielded Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74438357068 Fiches technique(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74438357068 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438357068 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438357068 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438357068 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438357068 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438357068 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438357068 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Packaging Specification - Tape and Reel: [mm]
D0
P0
Packaging is referred to the international standard
IEC 60286 -3:2013
top cover
tape
End
Feeding direction
Start
Carrier tape
Cover tape
No Component
min. 160 mm
Components
No Component
min. 100 mm
Cover Tape
min. 400 mm
A0
P1
D1
P2
T
K0
T2
T1
A0
B0
W
P1
T
T1
T2
K0
D0
E1
E2
F
P0
P2
Tape Type
VPE / packaging unit
tolerance
typ.
typ.
±0,3
±0,1
max.
min.
ref.
typ.
+0,1
±0,1
min.
±0,05
±0,1
±0,05
pcs.
size
4030
4,60
4,60
12,00
8,00
0,60
0,10
3,50
3,30
1,50
1,75
10,25
5,50
4,00
2,00
Polystyrene
700
165° - 180°
Pull-of force
Tape width
12 mm
0,1 N - 1,3 N
B
C
W3
W2
W**
close to center
A
B
C
D
N
W1
W2
W3
W3
tolerance
±2,0
min.
±0,8
min.
±2,0
+2,0
max.
min.
max.
Tape width
12 mm
178,00
1,50
13,00
20,20
50,00
12,40
18,40
11,90
15,40
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
DDe
DIN ISO 2768-1m
DESCRIPTION
WE-MAPI SMD Shielded Power
Inductor
ORDER CODE
74438357068
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
4030
001.000
Valid
2016-06-21
eiSos
4/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 74438357068

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
74438357010 WURTH-74438357010 Datasheet
579Kb / 7P
   WE-MAPI SMD Shielded Power
74438357012 WURTH-74438357012 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357015 WURTH-74438357015 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357018 WURTH-74438357018 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357022 WURTH-74438357022 Datasheet
579Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
More results

Description similaire - 74438357068

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
744383430056 WURTH-744383430056 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
744383130033 WURTH-744383130033 Datasheet
497Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438333022 WURTH-74438333022_16 Datasheet
509Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438335068 WURTH-74438335068_16 Datasheet
509Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438356015 WURTH-74438356015 Datasheet
516Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438343015 WURTH-74438343015 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438343022 WURTH-74438343022 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357015 WURTH-74438357015 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438324033 WURTH-74438324033 Datasheet
1Mb / 6P
   WE-MAPI SMD Shielded Power Inductor
74438324012 WURTH-74438324012 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357012 WURTH-74438357012 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com