Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BALF-2690-02D3 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce BALF-2690-02D3
Description  Low amplitude imbalance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BALF-2690-02D3 Fiches technique(HTML) 5 Page - STMicroelectronics

  BALF-2690-02D3 Datasheet HTML 1Page - STMicroelectronics BALF-2690-02D3 Datasheet HTML 2Page - STMicroelectronics BALF-2690-02D3 Datasheet HTML 3Page - STMicroelectronics BALF-2690-02D3 Datasheet HTML 4Page - STMicroelectronics BALF-2690-02D3 Datasheet HTML 5Page - STMicroelectronics BALF-2690-02D3 Datasheet HTML 6Page - STMicroelectronics BALF-2690-02D3 Datasheet HTML 7Page - STMicroelectronics BALF-2690-02D3 Datasheet HTML 8Page - STMicroelectronics BALF-2690-02D3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DocID025234 Rev 4
5/9
BALF-2690-02D3
Package information
2
Package information
Epoxy meets UL94, V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
2.1
Flip-Chip package information
Figure 10. Flip-Chip package outline
Table 4. Flip-Chip package mechanical data
Parameter
Description
Min.
Typ.
Max.
Unit
A
Bump height + substrate thickness
0.570
0.630
0.690
mm
A1
Bump height
0.155
0.205
0.255
mm
A2
Substrate thickness
0.400
mm
b
Bump diameter
0.215
0.255
0.295
mm
D
Y dimension of the die
1.590
1.640
1.690
mm
D1
Y pitch
0.660
mm
D2
Y pitch2
0.540
mm
E
X dimension of the die
0.890
0.940
0.990
mm
E1
X pitch
0.500
mm
fD
Distance from bump to edge of die on Y
axis
0.225
mm
fE
Distance from bump to edge of die on X
axis
0.215
mm
ccc
0.05
mm
$0.025
mm


Numéro de pièce similaire - BALF-2690-02D3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BALF-112X-01D3 STMICROELECTRONICS-BALF-112X-01D3 Datasheet
626Kb / 11P
   50 ohm nominal input / conjugate match balun CC1120, CC1125 (868-928 MHz), with integrated harmonic filter
July 2016 Rev 1
BALF-112X-02D3 STMICROELECTRONICS-BALF-112X-02D3 Datasheet
639Kb / 12P
   50 ohm nominal input / conjugate match balun CC1120, CC1125, 433 MHz, with integrated harmonic filter
July 2016 Rev 1
BALF-CC25-02D3 STMICROELECTRONICS-BALF-CC25-02D3 Datasheet
616Kb / 11P
   50 ohm, conjugate match to CC2541 transformer balun
BALF-CC26-05D3 STMICROELECTRONICS-BALF-CC26-05D3 Datasheet
804Kb / 8P
   50(ohm) nominal input / conjugate match balun CC2610, CC2620, CC2630, CC2640, CC2650 MHz, with integrated harmonic filter
BALF-NRF01D3 STMICROELECTRONICS-BALF-NRF01D3 Datasheet
621Kb / 11P
   50 ??nominal input / conjugate match balun to nRF51822-QFAAG0 /QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter
June 2014 Rev 2
More results

Description similaire - BALF-2690-02D3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BALF-SPI-02D3 STMICROELECTRONICS-BALF-SPI-02D3 Datasheet
593Kb / 12P
   Low amplitude imbalance
BALF-NRG-01D3 STMICROELECTRONICS-BALF-NRG-01D3 Datasheet
891Kb / 13P
   Low amplitude imbalance
BAL-CC1101-01D3 STMICROELECTRONICS-BAL-CC1101-01D3 Datasheet
642Kb / 10P
   Low amplitude imbalance
BAL-NRF02D3 STMICROELECTRONICS-BAL-NRF02D3 Datasheet
765Kb / 11P
   Low amplitude imbalance
BALF-SPI-01D3 STMICROELECTRONICS-BALF-SPI-01D3 Datasheet
730Kb / 12P
   Low amplitude imbalance
BALF-NRF01E3 STMICROELECTRONICS-BALF-NRF01E3 Datasheet
513Kb / 10P
   Low amplitude imbalance
logo
WALSIN TECHNOLOGY CORPO...
RFBLN20121G8D0T WALSIN-RFBLN20121G8D0T Datasheet
449Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040A57N3T WALSIN-RFBLN1005040A57N3T Datasheet
335Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
AMBLN06052G5WM9T16 WALSIN-AMBLN06052G5WM9T16 Datasheet
638Kb / 6P
   Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040C0T WALSIN-RFBLN1005040C0T Datasheet
188Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com