Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA1A-12V-A-5 Fiches technique(PDF) 4 Page - Nais(Matsushita Electric Works)

No de pièce CA1A-12V-A-5
Description  AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NAIS [Nais(Matsushita Electric Works)]
Site Internet  
Logo NAIS - Nais(Matsushita Electric Works)

CA1A-12V-A-5 Fiches technique(HTML) 4 Page - Nais(Matsushita Electric Works)

  CA1A-12V-A-5 Datasheet HTML 1Page - Nais(Matsushita Electric Works) CA1A-12V-A-5 Datasheet HTML 2Page - Nais(Matsushita Electric Works) CA1A-12V-A-5 Datasheet HTML 3Page - Nais(Matsushita Electric Works) CA1A-12V-A-5 Datasheet HTML 4Page - Nais(Matsushita Electric Works) CA1A-12V-A-5 Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CA
386
3. 1 Form A/1 Form B
Direct coupling type
21.5
.846
9
.354
17.4
.685
14.4
.567
6 .236
0.8
.031
15.4
.606
12.4
.488
5.5
.217
2.4
.094
37
1.457
Sealed with
epoxy resin
19.5 .768
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
mm inch
SCHEMATIC (Bottom View)
1 Form A
Including load
(1 Form A)
Including diode
(1 Form C)
1 Form B
Including diode type, including load type also available.
4. 1 Form C
Screw-mounting type
14
.551
23.4
.921
19.4
.764
31.2 1.228
4
.157
2
.079
5.5
.217
2.4
.094
0.8
.031
12.2
.480
12
.472
40
1.575
59
2.323
28
1.102
R10
6.6 dia. hole
.260 dia.
28.4 1.118
20
.787
9
.354
9
.354
6
.236
11.4
.449
Sealed with
epoxy resin
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
SCHEMATIC (Bottom View)
Including diode type, including load type also available.
Including load
(1 Form C)
Including diode
(1 Form A)
1 Form C
5. 1 Form C
Direct coupling type
19.4
.764
5.5
.217
2.4
.094
0.8
.031
12.2
.480
40
1.575
28
1.102
9
.354
9
.354
6
.236
11.4
.449
Sealed with
epoxy resin
23.4
.921
31.2 1.228
28.4 1.118
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
SCHEMATIC (Bottom View)
Including diode type, including load type also available.
Including load
(1 Form C)
Including diode
(1 Form A)
1 Form C


Numéro de pièce similaire - CA1A-12V-A-5

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
CA1A-12V-A-5 PANASONIC-CA1A-12V-A-5 Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
More results

Description similaire - CA1A-12V-A-5

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
CA1A-12V-A-5 PANASONIC-CA1A-12V-A-5 Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
J107E3 CIT-J107E3 Datasheet
96Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2C HUAXINAN-NVF4-2C Datasheet
1Mb / 1P
   Small size and light weight
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com