Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB9D0P03Q8-0-T3-G Fiches technique(PDF) 1 Page - Cystech Electonics Corp.

No de pièce MTB9D0P03Q8-0-T3-G
Description  P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB9D0P03Q8-0-T3-G Fiches technique(HTML) 1 Page - Cystech Electonics Corp.

  MTB9D0P03Q8-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB9D0P03Q8-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB9D0P03Q8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB9D0P03Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB9D0P03Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB9D0P03Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB9D0P03Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB9D0P03Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB9D0P03Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C050Q8
Issued Date : 2017.02.24
Revised Date :
Page No. : 1/9
MTB9D0P03Q8
CYStek Product Specification
P-Channel Enhancement Mode MOSFET
MTB9D0P03Q8 BVDSS
-30V
ID@VGS=-10V, TA=25°C
-14.8A
ID@VGS=-10V, TA=70°C
-11.8A
RDSON@VGS=-10V, ID=-12A
6.6mΩ(typ)
Features
• Simple drive requirement
• Low on-resistance
• Fast switching speed
• Pb-free lead plating and halogen-free package
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
MTB9D0P03Q8-0-T3-G
SOP-8
(Pb-free lead plating and halogen-free package)
2500 pcs/ Tape & Reel
MTB9D0P03Q8
SOP-8
RDSON@VGS=-4.5V,ID=-10A
11mΩ(typ)
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
D
D
D
D
G:Gate
S:Source
G
S
S
D:Drain
Packing spec, T3 : 2500 pcs / tape & reel,13” reel
Product rank, zero for no rank products
Product name
Pin 1
S


Numéro de pièce similaire - MTB9D0P03Q8-0-T3-G

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB9D0P03H8 CYSTEKEC-MTB9D0P03H8 Datasheet
611Kb / 11P
   P-Channel Enhancement Mode Power MOSFET
MTB9D0P03H8-0-T6-G CYSTEKEC-MTB9D0P03H8-0-T6-G Datasheet
611Kb / 11P
   P-Channel Enhancement Mode Power MOSFET
MTB9D0P03J3 CYSTEKEC-MTB9D0P03J3 Datasheet
399Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB9D0P03J3-0-T3-G CYSTEKEC-MTB9D0P03J3-0-T3-G Datasheet
399Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB9D0P03V8 CYSTEKEC-MTB9D0P03V8 Datasheet
447Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Description similaire - MTB9D0P03Q8-0-T3-G

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com