Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB020N6KE3-0-UB-X Fiches technique(PDF) 1 Page - Cystech Electonics Corp.

No de pièce MTB020N6KE3-0-UB-X
Description  N-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N6KE3-0-UB-X Fiches technique(HTML) 1 Page - Cystech Electonics Corp.

  MTB020N6KE3-0-UB-X Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N6KE3-0-UB-X Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N6KE3-0-UB-X Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N6KE3-0-UB-X Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N6KE3-0-UB-X Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N6KE3-0-UB-X Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N6KE3-0-UB-X Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N6KE3-0-UB-X Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C103E3
Issued Date : 2017.02.14
Revised Date : 2017.04.05
Page No. : 1/ 8
MTB020N06KE3
CYStek Product Specification
N-Channel Enhancement Mode Power MOSFET
MTB020N06KE3 BVDSS
60V
ID@VGS=10V, TC=25°C
41A
ID@VGS=10V, TA=25°C
8.4A
Features
• Low On Resistance
• Simple Drive Requirement
• Low Gate Charge
• Fast Switching Characteristic
• ESD protected gate
• RoHS compliant package
Symbol
Outline
MTB020N06KE3
TO-220
Ordering Information
Device
Package
Shipping
MTB020N6KE3-0-UB-X
TO-220FP
(RoHS compliant)
50 pcs/tube, 20 tubes/box, 4 boxes / carton
G:Gate D:Drain S:Source
RDS(ON)@VGS=10V, ID=20A
12.7 mΩ(typ)
RDS(ON)@VGS=4.5V, ID=15A 17.8 mΩ(typ)
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant
G D S
and green compound products
Packing spec, UB : 50 pcs / tube, 20 tubes/box
Product rank, zero for no rank products
Product name


Numéro de pièce similaire - MTB020N6KE3-0-UB-X

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB020N03E3 CYSTEKEC-MTB020N03E3 Datasheet
372Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB020N03E3 DOINGTER-MTB020N03E3 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTB020N03E3-0-UB-X CYSTEKEC-MTB020N03E3-0-UB-X Datasheet
372Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KJ3 CYSTEKEC-MTB020N03KJ3 Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KJ3-0-T3-G CYSTEKEC-MTB020N03KJ3-0-T3-G Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Description similaire - MTB020N6KE3-0-UB-X

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com