Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL104 Fiches technique(PDF) 2 Page - Ohmite Mfg. Co.

No de pièce TL104
Description  Modular Heat Sinkable Thick Film Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OHMITE [Ohmite Mfg. Co.]
Site Internet  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TL104 Fiches technique(HTML) 2 Page - Ohmite Mfg. Co.

  TL104 Datasheet HTML 1Page - Ohmite Mfg. Co. TL104 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
159
TL Series
Modular Heat Sinkable Thick Film Power
PO wer raTIN g S
Maximum and nominal power ratings for Ultra Power and Standard Power resistors
d I me NSIONS
O rder IN g INFO rmaTION
TL54
TL71
TL88
TL104
TL122
Heat sink temp, ϒC
0
20
40
60
80
100
120
140
160
100
0
TL104
Ultra Power
Standard Power
Nominal Ultra Power
Nominal Standard Power
150
200
250
50
Heat sink temp, ϒC
0
20
40
60
80
100
120
140
160
40
0
20
30
10
TL54
Ultra Power
Standard Power
Nominal Ultra Power
Nominal Standard Power
Heat sink temp, ϒC
0
20
40
60
80
100
120
140
160
120
0
80
100
20
TL71
Ultra Power
Standard Power
Nominal Ultra Power
Nominal Standard Power
60
40
Heat sink temp, ϒC
0
20
40
60
80
100
120
140
160
100
0
TL122
Ultra Power
Standard Power
Nominal Ultra Power
Nominal Standard Power
150
200
300
50
250
Heat sink temp, ϒC
0
20
40
60
80
100
120
140
160
120
0
80
100
20
TL88
Ultra Power
Standard Power
Nominal Ultra Power
Nominal Standard Power
60
40
140
160
180
Part No.
Prefix 
Suffix
Part No.
Prefix 
Suffix
= Standard values
= Non-standard values subject to
minimum handling charge per
item
T L 1 0 4 K U R 5 0 0 C E
Size
TL54 = 54 mm
TL71 = 71 mm
TL88 = 88 mm
TL104 = 104 mm
TL122 = 122 mm
Tolerance
F = 1%
J = 5%
K = 10%
Power
U = ultra
(optional)
Center tap
(optional)
Ohms
R500 = 0.50
10R0 = 10.0
1K00 = 1,000
1M00 = 1,000,000
E = RoHS compliant
0.5
––– R50 
1.0
––– 1R0    
1.5
––– 1R5
2.0
––– 2R0     
3.0
––– 3R0    
4.0
––– 4R0     
5.1
––– 5R1    
10.0
––– 10R     
15.0
––– 15R    
22.0
––– 22R     
47.0
––– 47R     
75.0
––– 75R     
100.0
––– 100     
150.0
––– 150    
220.0
––– 220     
240.0
––– 240    
470.0
––– 470     
510.0
––– 510    
750.0
––– 750     
1,000.0
––– 1K0     
1,100.0
––– 1K1    
2,200.0
––– 2K2     
4,700.0
––– 4K7    
5,100.0
––– 5K1    
10,000.0
––– 10K    
22,000.0
––– 22K    
51,000.0
––– 51K    
0.20"
5.10 mm
A
B
0.98"
25 mm
Profile 1.01"
25.7 mm
C*
0.25"
6.3 mm
*For adjacent taps,
C = 0.665"
(16.9mm)
Footprint
0.96" ±0.015
24.4 mm
TL54
TL71
TL88 TL104 TL122
A
mm
54
71
88
104
122
B
mm
46
63
80
96
114
C
mm 16.9
33.8
50.7
67.6
84.5
Weight
g
26
33
44
55
65
Consult factory for multiple tap options in common, iso-
lated, and special configurations.
Standard part numbers


Numéro de pièce similaire - TL104

FabricantNo de pièceFiches techniqueDescription
logo
Transko Electronics, In...
TL10405AV TRANSKO-TL10405AV Datasheet
598Kb / 4P
   104.0 MHz IF SAW Filter / 5.60 MHz Bandwidth
Revision 0: 06 Mar. 2008
logo
Ohmite Mfg. Co.
TL104FR500E OHMITE-TL104FR500E Datasheet
126Kb / 2P
   Modular Heat Sinkable Thick Film Power
TL104FUR500E OHMITE-TL104FUR500E Datasheet
126Kb / 2P
   Modular Heat Sinkable Thick Film Power
TL104JR500E OHMITE-TL104JR500E Datasheet
126Kb / 2P
   Modular Heat Sinkable Thick Film Power
TL104JUR500E OHMITE-TL104JUR500E Datasheet
126Kb / 2P
   Modular Heat Sinkable Thick Film Power
More results

Description similaire - TL104

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
TL54FR500E OHMITE-TL54FR500E Datasheet
126Kb / 2P
   Modular Heat Sinkable Thick Film Power
TAP800 OHMITE-TAP800 Datasheet
379Kb / 2P
   800 Watt Heat Sinkable Planar
TAP600K2R0 OHMITE-TAP600K2R0 Datasheet
332Kb / 2P
   600 Watt Heat Sinkable Planar
TAP800J5R0E OHMITE-TAP800J5R0E Datasheet
105Kb / 1P
   800 Watt Heat Sinkable Planar
TAP600 OHMITE-TAP600 Datasheet
370Kb / 2P
   600 Watt Heat Sinkable Planar
TAP600J5R0E OHMITE-TAP600J5R0E Datasheet
100Kb / 1P
   600 Watt Heat Sinkable Planar
TA1K0PH2R50KE OHMITE-TA1K0PH2R50KE Datasheet
102Kb / 1P
   1000 Watt Heat Sinkable Planar
logo
TE Connectivity Ltd
1773308 TEC-1773308 Datasheet
563Kb / 2P
   Thick Film Power Resistors
logo
List of Unclassifed Man...
FCR10 ETC2-FCR10 Datasheet
778Kb / 2P
   Thick Film Power Resistors
FPA1002R2J ETC2-FPA1002R2J Datasheet
362Kb / 2P
   Thick Film Power Resistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com