Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLCC263-PF22 Fiches technique(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

No de pièce SLCC263-PF22
Description  Clamp Fiber and power cable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Site Internet  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

SLCC263-PF22 Fiches technique(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  SLCC263-PF22 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG SLCC263-PF22 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
Clamp
Fiber and power cable
SLCC2X3-PF22
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
www.rosenberger.de
Email : info@rosenberger.de
Rosenberger Asia Pacific Electronic Co., Ltd., China
Tianzhu Airport Industrial Zone, Beijing, China
Tel.: +86 10 80481995
Fax:
+86 10 80497052
www.rosenbergerap.com
Email: info@rosenbergerap.com
Page
1 / 2
Part Number
L
Picture
SLCC223-PF22
70
SLCC243-PF22
100
SLCC263-PF22
140
This product is used for mobile network and telecommunication equipment.
Description
To install multiple cable runs on towers where space is limited. Without additional adapters, these clamps can
provide sturdy, reliable, long-term support to systems by means of tough and UV resistant material.
Part number
SLCC2X3-PF22
Hose Cable Clamp for
Φ7mm~Φ8mm cable
*X: number of cables


Numéro de pièce similaire - SLCC263-PF22

FabricantNo de pièceFiches techniqueDescription
logo
Rosenberger Hochfrequen...
SLCC261-C03 ROSENBERGER-SLCC261-C03 Datasheet
245Kb / 2P
   Cable Clamp
SLCC261-C09 ROSENBERGER-SLCC261-C09 Datasheet
79Kb / 2P
   Cable Clamp
SLCC261-PF14 ROSENBERGER-SLCC261-PF14 Datasheet
82Kb / 2P
   Cable Clamp
SLCC261-PF20 ROSENBERGER-SLCC261-PF20 Datasheet
106Kb / 2P
   Cable Clamp
SLCC261-PF6 ROSENBERGER-SLCC261-PF6 Datasheet
174Kb / 2P
   Clamp Fibre and power cable
More results

Description similaire - SLCC263-PF22

FabricantNo de pièceFiches techniqueDescription
logo
Rosenberger Hochfrequen...
SLCC221-PF6 ROSENBERGER-SLCC221-PF6 Datasheet
174Kb / 2P
   Clamp Fibre and power cable
logo
Glenair, Inc.
IT3057-16AF2 GLENAIR-IT3057-16AF2 Datasheet
249Kb / 1P
   Cable Clamp
logo
Rosenberger Hochfrequen...
SLCC221-PF20 ROSENBERGER-SLCC221-PF20 Datasheet
106Kb / 2P
   Cable Clamp
SLCC111-C05 ROSENBERGER-SLCC111-C05 Datasheet
238Kb / 2P
   Cable Clamp
SLCC112-C03 ROSENBERGER-SLCC112-C03 Datasheet
74Kb / 2P
   Cable Clamp
SLCC112-2029 ROSENBERGER-SLCC112-2029 Datasheet
177Kb / 1P
   Cable Clamp
SLCC221-PF14 ROSENBERGER-SLCC221-PF14 Datasheet
82Kb / 2P
   Cable Clamp
SLCC112-0711 ROSENBERGER-SLCC112-0711 Datasheet
179Kb / 1P
   Cable Clamp
SLCC221-C03 ROSENBERGER-SLCC221-C03 Datasheet
245Kb / 2P
   Cable Clamp
SLCC221-C09 ROSENBERGER-SLCC221-C09 Datasheet
79Kb / 2P
   Cable Clamp
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com