Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-4 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce ST-4
Description   Surface Mount Cermet Trimmers (single turn)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST-4 Fiches technique(HTML) 3 Page - Vishay Siliconix

  ST-4 Datasheet HTML 1Page - Vishay Siliconix ST-4 Datasheet HTML 2Page - Vishay Siliconix ST-4 Datasheet HTML 3Page - Vishay Siliconix ST-4 Datasheet HTML 4Page - Vishay Siliconix ST-4 Datasheet HTML 5Page - Vishay Siliconix ST-4 Datasheet HTML 6Page - Vishay Siliconix ST-4 Datasheet HTML 7Page - Vishay Siliconix ST-4 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions contact: copalsupport@vishay.com
Document Number: 58010
3
Revision: 06-Mar-06
ST-4
Vishay
Surface Mount Cermet Trimmers (single turn)
ST-4F, 4EF
Rear adjustment
ST-4H, 4EH
Side adjustment
ST-4D, 4ED
Rear adjustment
*: Note the terminal position.
<Semi-standard products>
<Semi-standard products>
5
2.3
1.2
2.35
2 - 0.8
2.8
2
Resistance code & Production date code
t = 0.15
3
1
0.6 W × 2.3 L× 0.5 D
5
2.3
3 - 0.6
2.54
2.5 ± 0.5
2
Resistance code & Production date code
t = 0.15
3
1
0.6 W × 2.3 L × 0.5 D
ST-42, 42E
CROSS SLOT DIMENSION
0.6 W × 2.3 L × 0.5 D
Cross slot screwdriver 0 bit: 0.8 D
5
4.5
2.35
2 - 0.8
1.2
6.1
0.8
2
Resistance code & Production date code
t = 0.15
3
1
0.6 W × 2.3 L × 0.5 D
Lead (Pb)-free Identification mark
CW rotation
1
2
3
Unless otherwise specified, tolerance: ± 0.3 (Unit: mm)
Lead (Pb)-free Identification mark
Lead (Pb)-free Identification mark
OUTLINE DIMENSIONS
DIMENSIONS in millimeters
Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be
submitted upon request.


Numéro de pièce similaire - ST-4

FabricantNo de pièceFiches techniqueDescription
logo
Micronetics, Inc.
ST-4 MICRONETICS-ST-4 Datasheet
227Kb / 1P
   MINI-NOISE DIODES 10 KHZ TO 3 GHZ
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST-4-10** ETC2-ST-4-10* Datasheet
362Kb / 2P
   Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-4-12 ETC2-ST-4-12 Datasheet
362Kb / 2P
   Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-4-120 ETC2-ST-4-120 Datasheet
362Kb / 2P
   Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
More results

Description similaire - ST-4

FabricantNo de pièceFiches techniqueDescription
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4EB503 ETC2-ST-4EB503 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST4ETA103 COPAL-ST4ETA103 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST32ETA103 ETC2-ST32ETA103 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETD102 ETC2-ST-4ETD102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETA102 ETC1-ST-4ETA102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST32EA100 COPAL-ST32EA100 Datasheet
121Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-2 COPAL-ST-2 Datasheet
86Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-32 VISHAY-ST-32 Datasheet
383Kb / 7P
   Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com