Moteur de recherche de fiches techniques de composants électroniques |
|
SD0803T040S0R5 Fiches technique(PDF) 1 Page - AVX Corporation |
|
SD0803T040S0R5 Fiches technique(HTML) 1 Page - AVX Corporation |
1 / 7 page 1 083116 Schottky Barrier Rectifier Diode Lead-less Chip Form GENERAL DESCRIPTION AVX Schottky rectifier diodes offer unique lead-less chip packaging technology which eliminates the lead frame wire bond to give the chip top-bottom symmetry for fewer mounting problems, better heat transfer, and current handling capability (compared to SOD devices). FEATURES • Lead-less chip form • Low Vf • High current capability • Low power loss/high efficiency • UL 94V-0 class package material • Halogen free APPLICATIONS • Switch mode power supplies • High frequency rectification • Portable battery powered devices • Reverse bias protection MECHANICAL DATA Case: FRP substrate with epoxy underfill Terminations: 100% Sn plated (Pb-free), solderable per MIL-STD-750, Method 2026. Operating Temperature: -55°C to 125°C Storage Temperature: -55°C to 150°C AVX SCHOTTKY DIODE CURRENTS BY CASE SIZE Size Max Forward Current EIAJ JEDEC .1A .2A .3A .5A 1A 2A 3A 5A 8A 0603 SOD-523 •• • 0805 SOD-323 •• • • • 1206 SOD-123 ••• • 2010 SMA (D0-214AC) •• • • 2114 SMB (D0-214AA) •• • 3220 SMC (D0-214AB) LEAD-FREE COMPATIBLE COMPONENT SD Series Schottky Diodes HOW TO ORDER 3220 Size 3220 2114 2010 1206 0805 0603 S Thickness S = Standard T = Thin 020 Voltage 020 = 20V 030 = 30V 040 = 40V 060 = 60V 100 = 100V 150 = 150V 200 = 200V S Vf S = Standard L = Low 3R0 Current 0R1 = 0.1 0R2 = 0.2 0R3 = 0.3 0R5 = 0.5 1R0 = 1.0 Schottky Barrier Rectifier Diode Lead-less Chip Form •• |
Numéro de pièce similaire - SD0803T040S0R5 |
|
Description similaire - SD0803T040S0R5 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |