Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5450 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD5450
Description  8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5450 Fiches technique(HTML) 3 Page - Analog Devices

  AD5450 Datasheet HTML 1Page - Analog Devices AD5450 Datasheet HTML 2Page - Analog Devices AD5450 Datasheet HTML 3Page - Analog Devices AD5450 Datasheet HTML 4Page - Analog Devices AD5450 Datasheet HTML 5Page - Analog Devices AD5450 Datasheet HTML 6Page - Analog Devices AD5450 Datasheet HTML 7Page - Analog Devices AD5450 Datasheet HTML 8Page - Analog Devices AD5450 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
REV. PrD
AD5450/AD5451/AD5452/AD5453
PRELIMINARY TECHNICAL DATA
TIMINGCHARACTERISTICS1
Parameter
VDD = 4.5 V to 5.5 V
VDD = 2.5 V to 5.5 V Units
Conditions/Comments
fSCLK
50
MHz max
Max Clock frequency
t1
20
ns min
SCLK Cycle time
t2
8
ns min
SCLK High Time
t3
8
ns min
SCLK Low Time
t4
8
ns min
SYNC falling edge to SCLK active edge setup time
t5
5
ns min
Data Setup Time
t6
4.5
ns min
Data Hold Time
t7
5
ns min
SYNC rising edge to SCLK active edge
t8
30
ns min
Minimum
SYNC high time
NOTES
1See Figures 1. Temperature range is as follows: Y Version: –40°C to +125°C. Guaranteed by design and characterisation, not subject to
production test. All input signals are specified with tr =tf = 5ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
Specifications subject to change without notice.
(VREF = +5 V, IOUT2 = O V. All specifications TMIN to TMAX unless otherwise noted.)
t1
DB15
DB0
t2
t3
t4
t5
t6
t8
SCLK
SYNC
DIN
t7
Parameter
Min
Typ
M a x
Units
Conditions
Total Harmonic Distortion
- 8 0
d B
VREF = 3.5 V pk-pk, All 1s loaded, f = 1kHz
Digital THD, Clock = 1MHz
50kHz fOUT
75
d B
Output Noise Spectral Density
2 5
nV/
√Hz
@ 1kHz
SFDR performance (Wideband)
Update = 1MHz, VREF = 3.5V
Update = 1MHz
50kHz Fout
7 8
d B
20kHz Fout
7 8
d B
SFDR performance (NarrowBand)
Update = 1MHz, VREF = 3.5V
50kHz Fout
8 7
d B
20kHz Fout
8 7
d B
Intermodulation Distortion
7 8
d B
f1 = 20kHz, f2 = 25kHz, Update=1MHz,
VREF=3.5V
POWER
REQUIREMENTS
Power Supply Range
2 . 5
5 . 5
V
IDD
1
µ A
Logic Inputs = 0 V or
VDD
Power Supply Sensitivity
2
0.001
% / %
∆V
DD = ±5%
NOTES
1Temperature range is as follows: Y Version: –40°C to +125°C.
2Guaranteed by design and characterisation, not subject to production test.
Specifications subject to change without notice.
Figure 1. Timing Diagram.
(VDD = 2.5 V to 5.5 V, VREF = +10 V, IOUTx = O V. All specifications TMIN to TMAX unless otherwise noted. DC performance measured with
OP1177, AC performance with AD9631 unless otherwise noted.)


Numéro de pièce similaire - AD5450

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5450 AD-AD5450 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5450 AD-AD5450 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5450 AD-AD5450 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5450 AD-AD5450 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5450 AD-AD5450 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results

Description similaire - AD5450

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com