Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE09P0103J Fiches technique(PDF) 1 Page - AVX Corporation

No de pièce NE09P0103J
Description  NTC Disc Thermistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

NE09P0103J Fiches technique(HTML) 1 Page - AVX Corporation

  NE09P0103J Datasheet HTML 1Page - AVX Corporation NE09P0103J Datasheet HTML 2Page - AVX Corporation NE09P0103J Datasheet HTML 3Page - AVX Corporation NE09P0103J Datasheet HTML 4Page - AVX Corporation NE09P0103J Datasheet HTML 5Page - AVX Corporation NE09P0103J Datasheet HTML 6Page - AVX Corporation NE09P0103J Datasheet HTML 7Page - AVX Corporation NE09P0103J Datasheet HTML 8Page - AVX Corporation NE09P0103J Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
010617
APPLICATIONS
• ND or NE: Commerical, Industrial and Automotive Applications
AEC-Q200 Qualified
NV: Professional Applicationsl
• Alarm and temperature measurement application
• Temperature regulation application
• Level detection application
• Compensation application and more
TECHNOLOGY
• ND: epoxy-phenolic resin coating
NE: epoxy resin coating (recommended for severe
mounting conditions)
NV: epoxy varnish coating
• Leads: Radial copper wire tinned
• Marking: on package only for ND03 & NE03
ND/NE 06/09:Nominal resistance and tolerance for ±5%, ±10%
NV06/09:
Nominal resistance and tolerance
• Delivery Mode: Bulk, reeled or ammopacked
PERFORMANCE CHARACTERISTICS
Types
General purpose
Professional
ND03 or NE03
ND06 or NE06
ND09 or NE09
NV06
NV09
Climatic category
55/125/56-434
55/125/56-434
Operating Temperature
–55 to +150°C
–55 to +150°C
–55 to +150°C
–55 to +150°C
–55 to +150°C
Tolerance on Rn
330Ω to 1MΩ : ±
±3*, 5, 10, ±20%
±3*, 5, 10, ±20%
±2, 3, 5, ±10%
±2, 3, 5, ±10%
(25°C)
±3*, 5, 10, 20%
1500Ω to 150 kΩ : ±
3%
Maximum dissipation
at 25°C
0.25 W
0.71 W
0.9 W
0.69 W
0.85 W
Thermal dissipation
factor
5 mW/°C
7.1 mW/°C
9 mW/°C
6.9 mW/°C
8.5 mW/°C
Thermal time constant
10 s
22 s
30 s
18 s
30 s
Response time
< 3s
STANDARDIZATION
NV range : approved by NFC 93271
Type: TN115 A for NV06
TN116 for NV09
List: GAM-T1
List: LNZ
OPTIONS
Consult factory for availability of options:
• other nominal resistance values
• other tolerances
• alternative lead materials or lengths
• controlled dimensions
Leaded Discs
N.03
N.06
N.09
NTC Disc Thermistors
ND 03/06/09 • NE 03/06/09 • NV 06/09
* Optional tolerance, please contact factory


Numéro de pièce similaire - NE09P0103J

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
NE004 RENESAS-NE004 Datasheet
350Kb / 6P
   GaAs MES FET
1988
NE004100-6 RENESAS-NE004100-6 Datasheet
350Kb / 6P
   GaAs MES FET
1988
NE0041600-6 RENESAS-NE0041600-6 Datasheet
350Kb / 6P
   GaAs MES FET
1988
NE004200-6 RENESAS-NE004200-6 Datasheet
350Kb / 6P
   GaAs MES FET
1988
NE004800-6 RENESAS-NE004800-6 Datasheet
350Kb / 6P
   GaAs MES FET
1988
More results

Description similaire - NE09P0103J

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
ERT-D2FFL400S PANASONIC-ERT-D2FFL400S Datasheet
695Kb / 5P
   NTC Thermistors (Disc Type)
logo
AVX Corporation
NR55300299 AVX-NR55300299 Datasheet
102Kb / 7P
   NTC Leadless Disc Thermistors
logo
Panasonic Semiconductor
ERTD PANASONIC-ERTD Datasheet
689Kb / 5P
   Disc Type NTC Thermistors
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com