Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC5788 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SC5788
Description  Silicon NPN epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5788 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SC5788 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5788 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5788 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5788
2
SJD00290AED
Safe operation area
IC  VBE
VCE(sat)  IC
hFE  IC
0
2.0
0.5
1.5
1.0
0
7
6
2
5
4
1
3
VCE
= 4 V
Base-emitter voltage V
BE (V)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
IC / IB
= 8
Collector current I
C (A)
0.01
0.1
1
10
1
10
100
1 000
10 000
Ta
= 25°C
VCE
= 4 V
Collector current I
C (A)
1
10
100
1 000
0.01
0.1
1
10
100
t
= 10 ms
t
= 1 ms
t
= 1 s
Non repetitive pulse
TC
= 25°C
ICP
IC
Collector-emitter voltage V
CE (V)


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
XP01211 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SD1752 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
XN0F256 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SC5845 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SC5505 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SD2504 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
UP03390 Silicon NPN epitaxial planar type 1  2  3  4  5  Panasonic Semiconductor
XP01554 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SD2051 Silicon NPN epitaxial planar type Darlington For low-frequency amplification 1  2  Panasonic Semiconductor
SUR503EF Epitaxial Planar Type NPN Silicon Transistor 1  2  3  AUK corp

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn