Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4448DY Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce SI4448DY
Description  N-Channel 12-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4448DY Fiches technique(HTML) 6 Page - Vishay Siliconix

  SI4448DY Datasheet HTML 1Page - Vishay Siliconix SI4448DY Datasheet HTML 2Page - Vishay Siliconix SI4448DY Datasheet HTML 3Page - Vishay Siliconix SI4448DY Datasheet HTML 4Page - Vishay Siliconix SI4448DY Datasheet HTML 5Page - Vishay Siliconix SI4448DY Datasheet HTML 6Page - Vishay Siliconix SI4448DY Datasheet HTML 7Page - Vishay Siliconix SI4448DY Datasheet HTML 8Page - Vishay Siliconix SI4448DY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number: 69653
S09-0138-Rev. B, 02-Feb-09
Vishay Siliconix
Si4448DY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?69653.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
0
0
0
1
0
1
1
10-1
100
0.2
0.1
0.05
0.02
Square WavePulse Duration (s)
1
0.1
0.01
Duty Cycle = 0.5
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 80 °C/W
3. TJM - TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Single Pulse
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
0
1
1
10-1
10-4
0.2
0.1
Duty Cycle = 0.5
Square WavePulse Duration (s)
1
0.1
0.01
0.05
0.02
Single Pulse


Numéro de pièce similaire - SI4448DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4441EDY VISHAY-SI4441EDY Datasheet
92Kb / 6P
   P-Channel 30-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4441EY-T1-E3 VBSEMI-SI4441EY-T1-E3 Datasheet
994Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4442DY VISHAY-SI4442DY Datasheet
230Kb / 8P
   N-Channel 30-V (D-S) MOSFET
Rev. E, 09-Feb-09
logo
Texas Instruments
Si4442DY TI1-Si4442DY Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
logo
Vishay Siliconix
SI4442DY VISHAY-SI4442DY_V01 Datasheet
161Kb / 7P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI4448DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com