Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC382TDKTTT-2 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC382TDKTTT-2
Description  FAST LDO LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC382TDKTTT-2 Fiches technique(HTML) 3 Page - Texas Instruments

  UC382TDKTTT-2 Datasheet HTML 1Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 2Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 3Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 4Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 5Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 6Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 7Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 8Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
UC2821, UC2822, UC2823, UC282ADJ, UC3821, UC3822, UC3823, UC382ADJ
FAST LDO LINEAR REGULATOR
SLUS317B − JANUARY 2000 − REVISED FEBRUARY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = −40°C to 100°C for the UC282-X series and 0°C to 100°C for the
UC382-X, VB = 5 V, VIN = 3.3 V, VOUT = 2.5 V for the UC382-ADJ, TA = TJ, (unless otherwise stated)
UC382-2 fixed 2.1 V, 3-A family
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output voltage (IVOUT = 100 mA)
UC382-2
2.079
2.100
2.121
V
Output voltage (IVOUT = 100 mA)
UC282-2
2.058
2.100
2.121
V
Load regulation
IVOUT = 10 mA to 3 A
0.5
4
mV
VIN PSSR
80
100
dB
VB PSSR
52
62
dB
IVOUT = 3 A,
TJ = 25°C
350
425
mV
VIN dropout voltage = VIN−VOUT
IVOUT = 3 A,
UC382-2
350
450
mV
VIN dropout voltage = VIN−VOUT
IVOUT = 3 A,
UC282-2
350
500
mV
VB dropout = VB−VOUT
IVOUT = 3 A,
UC382-2
1.8
2.10
V
VB dropout = VB−VOUT
IVOUT = 3 A,
UC282-2
1.8
2.20
V
Short circuit current limit
3.3
4.5
A
VB current
IVOUT = 10 mA
6
11
mA
VB current
IVOUT = 3 A
18
60
mA
VIN current
IVOUT = 3 A
2.94
2.97
A
UC382-1 fixed 1.5 V, 3-A family
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output voltage (IVOUT = 100 mA)
UC382-1
1.485
1.500
1.515
V
Output voltage (IVOUT = 100 mA)
UC282-1
1.470
1.500
1.515
V
Load regulation
IVOUT = 10 mA to 3 A
0.5
4
mV
VIN PSSR
80
100
dB
VB PSSR
55
65
dB
IVOUT = 3 A,
TJ = 25°C
350
425
mV
VIN dropout voltage = VIN−VOUT
IVOUT = 3 A,
UC382-1
350
450
mV
VIN dropout voltage = VIN−VOUT
IVOUT = 3 A,
UC282-1
350
500
mV
VB dropout = VB−VOUT
IVOUT = 3 A,
UC382-1
1.8
2.10
V
VB dropout = VB−VOUT
IVOUT = 3 A,
UC282-1
1.8
2.20
V
Short circuit current limit
3.3
4.5
A
VB current
IVOUT = 10 mA
6
11
mA
VB current
IVOUT = 3 A
18
60
mA
VIN current
IVOUT = 3 A
2.94
2.97
A


Numéro de pièce similaire - UC382TDKTTT-2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC382TDKTTT-2 TI1-UC382TDKTTT-2 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC382TDKTTT-2 TI1-UC382TDKTTT-2 Datasheet
890Kb / 18P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC382TDKTTT-2G3 TI1-UC382TDKTTT-2G3 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
More results

Description similaire - UC382TDKTTT-2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_11 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC182 TI-UC182 Datasheet
184Kb / 6P
[Old version datasheet]   Fast LDO Linear Regulator
UC282-1 TI1-UC282-1_17 Datasheet
890Kb / 18P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com