Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMPZ3924B Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SMPZ3924B
Description  Surface Mount Power Voltage-Regulating Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMPZ3924B Fiches technique(HTML) 2 Page - Vishay Siliconix

  SMPZ3924B Datasheet HTML 1Page - Vishay Siliconix SMPZ3924B Datasheet HTML 2Page - Vishay Siliconix SMPZ3924B Datasheet HTML 3Page - Vishay Siliconix SMPZ3924B Datasheet HTML 4Page - Vishay Siliconix SMPZ3924B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMPZ39XB thru SMPZ3940B
www.vishay.com
Vishay General Semiconductor
Revision: 29-May-12
2
Document Number: 88482
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Mounted on PCB with 5.0 mm x 5.0 mm copper pad areas attached to each terminal
(2) Mounted on minimum recommended pad layout
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
VZ
Reverse Zener voltage at IZT
IZT
Reverse current
ZZT
Maximum Zener impedance at IZT
IZK
Reverse current
ZZK
Maximum Zener impedance at IZK
IR
Reverse leakage current at VR
VR
Reverse voltage
IF
Forward current
VF
Forward voltage at IF
IZM
Maximum DC Zener current
Zener Voltage Regulator
V
IF
VZ VR
IR
IZT
VF
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART
NUMBER
DEVICE
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
LEAKAGE
CURRENT
MAXIMUM
ZENER
CURRENT
VZ at IZT
IZT
IZK
ZZT AT IZT ZZK AT IZK
IR AT VR
IZM
VmA
μA
V
mA
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.
MAX.
SMPZ3919B
19B
5.32
5.6
5.88
66.9
1.0
5.0
700
200
3.0
268
SMPZ3920B
20B
5.89
6.2
6.51
60.5
1.0
2.0
700
200
4.0
242
SMPZ3921B
21B
6.46
6.8
7.14
55.1
1.0
2.5
400
200
5.2
221
SMPZ3922B
22B
7.12
7.5
7.88
50.0
0.5
3.0
400
150
6.0
200
SMPZ3923B
23B
7.79
8.2
8.61
45.7
0.5
3.5
400
50
6.5
183
SMPZ3924B
24B
8.64
9.1
9.56
41.2
0.5
4.0
500
10
7.0
165
SMPZ3925B
25B
9.5
10
10.5
37.5
0.25
4.5
500
2.5
8.0
150
SMPZ3926B
26B
10.5
11
11.6
34.1
0.25
5.5
550
0.5
8.4
136
SMPZ3927B
27B
11.4
12
12.6
31.2
0.25
6.5
550
0.5
9.1
125
SMPZ3928B
28B
12.4
13
13.7
28.8
0.25
7.0
550
0.5
9.9
115
SMPZ3929B
29B
14.3
15
15.8
25
0.25
9.0
600
0.5
11.4
100
SMPZ3930B
30B
15.2
16
16.8
23.4
0.25
10.0
600
0.5
12.2
94
SMPZ3931B
31B
17.1
18
18.9
20.8
0.25
12.0
650
0.5
13.7
83
SMPZ3932B
32B
19.0
20
21
18.7
0.25
14.0
650
0.5
15.2
75
SMPZ3933B
33B
20.9
22
23.1
17.0
0.25
17.5
650
0.5
16.7
68
SMPZ3934B
34B
22.8
24
25.2
15.6
0.25
19.0
700
0.5
18.2
63
SMPZ3935B
35B
25.7
27
28.4
13.9
0.25
23.0
700
0.5
20.6
56
SMPZ3936B
36B
28.5
30
31.5
12.5
0.25
26.0
750
0.5
22.8
50
SMPZ3937B
37B
31.4
33
34.7
11.4
0.25
33.0
800
0.5
25.1
45
SMPZ3938B
38B
34.2
36
37.8
10.4
0.25
38.0
850
0.5
27.4
42
SMPZ3939B
39B
37.1
39
41
9.6
0.25
45.0
900
0.5
29.7
38
SMPZ3940B
40B
40.9
43
45.2
8.7
0.25
53.0
950
0.5
32.7
35
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Typical thermal resistance, junction to lead (1)
RJL
50
°C/W
Typical thermal resistance, junction to ambient (2)
RJA
250
°C/W


Numéro de pièce similaire - SMPZ3924B

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
SMP BEL-SMP Datasheet
542Kb / 2P
   SURFACE MOUNT POWER CROSS PROTECTION FUSE
logo
Isabellenhütte Heu...
SMP ISABELLENHUETTE-SMP Datasheet
1Mb / 4P
   Precision resistors
logo
List of Unclassifed Man...
SMP-02V-B(N)C ETC2-SMP-02V-B(N)C Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-02V-BC ETC2-SMP-02V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-02V-NC ETC2-SMP-02V-NC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results

Description similaire - SMPZ3924B

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SMAZ5945B-E3 VISHAY-SMAZ5945B-E3 Datasheet
96Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZJ3807B-E3 VISHAY-SMZJ3807B-E3 Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
PTV3.9B VISHAY-PTV3.9B Datasheet
90Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMBZ5919B VISHAY-SMBZ5919B Datasheet
110Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZG3788 VISHAY-SMZG3788 Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
SMZJ3800B-E3 VISHAY-SMZJ3800B-E3 Datasheet
107Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMZG3788 VISHAY-SMZG3788_08 Datasheet
99Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
SMZJ3788 VISHAY-SMZJ3788 Datasheet
104Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com