Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60210DGS Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60210DGS
Description  REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60210DGS Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS60210DGS Datasheet HTML 6Page - Texas Instruments TPS60210DGS Datasheet HTML 7Page - Texas Instruments TPS60210DGS Datasheet HTML 8Page - Texas Instruments TPS60210DGS Datasheet HTML 9Page - Texas Instruments TPS60210DGS Datasheet HTML 10Page - Texas Instruments TPS60210DGS Datasheet HTML 11Page - Texas Instruments TPS60210DGS Datasheet HTML 12Page - Texas Instruments TPS60210DGS Datasheet HTML 13Page - Texas Instruments TPS60210DGS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
TPS60210
EFFICIENCY
vs
INPUT VOLTAGE
0
10
20
30
40
50
60
70
80
90
100
1.6
2.0
2.4
2.8
3.2
3.6
VI − Input Voltage − V
IO = 50 mA
Figure 6
TPS60210
PEAK OUTPUT CURRENT
vs
INPUT VOLTAGE
150
100
50
0
1.6
2.0
2.4
2.8
200
250
350
3.2
3.6
300
VI − Input Voltage − V
Figure 7
TPS60210
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.2
2.9
3.5
3.4
3.3
3.1
3.0
VI = 1.8 V
VI = 2.4 V
VI = 2.7 V
VI = 3.6 V
IO − Output Current − mA
1
10
100
1000
Figure 8
3
3.05
3.10
3.15
3.20
3.25
3.30
3.35
1
10
100
VI = 3.6 V
VI = 2.7 V
VI = 2.4 V
VI = 1.8 V
TPS60212
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA


Numéro de pièce similaire - TPS60210DGS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60210DGS TI1-TPS60210DGS Datasheet
994Kb / 26P
[Old version datasheet]   REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
TPS60210DGS TI1-TPS60210DGS Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60210DGSG4 TI1-TPS60210DGSG4 Datasheet
994Kb / 26P
[Old version datasheet]   REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
TPS60210DGSG4 TI1-TPS60210DGSG4 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60210DGSR TI1-TPS60210DGSR Datasheet
994Kb / 26P
[Old version datasheet]   REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
More results

Description similaire - TPS60210DGS

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
Texas Instruments
TPS60210DGSR TI1-TPS60210DGSR Datasheet
994Kb / 26P
[Old version datasheet]   REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
logo
Maxim Integrated Produc...
MAX679 MAXIM-MAX679 Datasheet
76Kb / 6P
   Regulated 3.3V Charge Pump
Rev 0; 4/97
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
Semtech Corporation
SC613 SEMTECH-SC613 Datasheet
375Kb / 14P
   Low Noise Regulated Charge Pump with Selectable Output
logo
Texas Instruments
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com