Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M52347SP Fiches technique(PDF) 3 Page - Mitsubishi Electric Semiconductor

No de pièce M52347SP
Description  SYNC SIGNAL PROCESSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52347SP Fiches technique(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M52347SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MITSUBISHI ICs (Monitor)
M52347SP/FP
SYNC SIGNAL PROCESSOR
3
ELECTRICAL CHARACTERISTICS (cont.)
Symbol
Parameter
Relay condition
TP
condition
In
put
pin
Input condition
Out
put
pin
Output waveform
Note
Limits
Unit
4
6
8
16
3
10
Min. Typ. Max.
15 OH
Pin
output
Hi level
1121
0V
2.5V
5V
5V
50kHz
0.6VP-P
50kHz
2VP-P
4.0
5.0
5.0
V
15 OL
Pin
output
Low level
1121
0V
2.5V
5V
5V
50kHz
0.6VP-P
50kHz
2VP-P
0
0.25 0.5
V
17 OH
Pin
output
Hi level
1121
0V
2.5V
5V
5V
50kHz
0.6VP-P
50kHz
2VP-P
4.0
5.0
5.0
V
17 OL
Pin
output
Hi level
1121
0V
2.5V
5V
5V
50kHz
0.6VP-P
50kHz
2VP-P
0
0.25 0.5
V
13 OH
Pin
output
Hi level
2211
0V
2.5V
5V
5V
50kHz
2VP-P
4.0
5.0
5.0
V
13 OL
Pin
output
Low level
2211
0V
2.5V
5V
5V
50kHz
2VP-P
0
0.25 0.5
V
12 OH
Pin
output
Hi level
1121
0V
2.5V
5V
5V
50kHz
0.6VP-P
50kHz
2VP-P
4.0
5.0
5.0
V
12 OL
Pin
output
Low level
1121
0V
2.5V
5V
5V
50kHz
0.6VP-P
50kHz
2VP-P
0
0.25 0.5
V
SS-NV
Sync-Sep
Sync input
signa Max.
noise ampli-
tude voltage
1221
0V
2.5V
5V
5V
50kHz
0.05VP-P
No pulse must be
output.
Must not oper-
ate when input
amplitude is
0.05 VP-P or
less. (Pseudo
noise signal)
-
-
0.05 VP-P
SS-LV
Sync-Sep
Sync input
signal
Min. ampli-
tude voltage
1221
0V
2.5V
5V
5V
50kHz
0.2VP-P
No pulse must be
output in this por-
tion.
Must operate
when the input
amplitude is
0.2 VP-P or
more.
0.2
-
-
VP-P
V3H
CLAMP SW
Threshold
voltage H
2121
5V
DC voltage must
be applied.
Checking output
pulse for output
with a voltage of
5 VDC applied,
decrease the DC
voltage and then
measure the volt-
age when the
output pulse is
not output.
2.8
3.1
3.4
V
50kHz
2VP-P
V3L
CLAMP SW
Threshold
voltage H
Variable
2121
5V
DC voltage must
be applied.
Checking output
pulse for output
with a voltage of
0 VDC applied,
increase the DC
voltage and then
measure the volt-
age when the
output pulse is
not output.
1.0
1.3
1.6
V
50kHz
2VP-P
V10
V TIME
GATE SW
Threshold
voltageVari-
able
2111
0V
5V
50kHz
2VP-P
50kHz
2VP-P
Checking output
pulse for output
with a voltage of
5 VDC applied,
decrease the DC
voltage and then
measure the volt-
age when the
output pulse
becomes narrow.
2.0
2.5
3.0
V
DC voltage must
be applied.
15
4
6
15
15
4
6
15
17
4
6
17
17
4
6
17
13
8
13
13
8
13
12
4
6
12
12
4
6
12
4
14
15
17
4
14
17
3
6
14
17
15
3
6
14
17
15
6
8
10
14
15
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
V Meas
V Meas
V Meas
V Meas
V Meas
V Meas
V Meas
V Meas
1
µS
1
µS
1
µS
1
µS
50kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn