Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M52347SP Fiches technique(PDF) 5 Page - Mitsubishi Electric Semiconductor

No de pièce M52347SP
Description  SYNC SIGNAL PROCESSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52347SP Fiches technique(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M52347SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52347SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MITSUBISHI ICs (Monitor)
M52347SP/FP
SYNC SIGNAL PROCESSOR
5
ELECTRICAL CHARACTERISTICS (cont.)
Symbol
Parameter
Relay condition
TP
condition
In
put
pin
Input condition
Out
put
pin
Output waveform
Note
Limits
Unit
4
6
8
16
3
10
Min. Typ. Max.
VD+-DA
VD+ -delay
time (A)
2211
0V
2.5V
5V
5V
50kHz
2VP-P
Input
(50%)
Output
(50%)
-
100 350 nsec
VD+-DB
VD+ -delay
time (B)
2211
0V
2.5V
5V
5V
50kHz
2VP-P
Input
(50%)
Output
(50%)
-
70
350 nsec
V11H
V Sync-Sep
Threshold
voltage H
2121
0V
5V
0V
50kHz
2VP-P
Checking output
pulse for output
with a voltage of
0 VDC applied,
increase the DC
voltage and then
measure the volt-
age when the
output pulse is
not output.
3.0
3.5
4.0
V
DC voltage must
be applied.
V11L
V Sync-Sep
Threshold
voltage L
2121
0V
5V
0V
50kHz
2VP-P
Checking output
pulse for output
with a voltage of
5 VDC applied,
decrease the DC
voltage and then
measure the volt-
age when the
output pulse is
output.
1.3
1.8
2.3
V
DC voltage must
be applied.
8
13
8
13
8
13
8
13
6
11
14
15
6
11
14
15
1
µS
1
µS
1
µS
1
µS
Time
Meas
Time
Meas


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn