Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3808G01DBVT Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3808G01DBVT
Description  Low Quiescent Current, Programmable-Delay Supervisory Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3808G01DBVT Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS3808G01DBVT Datasheet HTML 4Page - Texas Instruments TPS3808G01DBVT Datasheet HTML 5Page - Texas Instruments TPS3808G01DBVT Datasheet HTML 6Page - Texas Instruments TPS3808G01DBVT Datasheet HTML 7Page - Texas Instruments TPS3808G01DBVT Datasheet HTML 8Page - Texas Instruments TPS3808G01DBVT Datasheet HTML 9Page - Texas Instruments TPS3808G01DBVT Datasheet HTML 10Page - Texas Instruments TPS3808G01DBVT Datasheet HTML 11Page - Texas Instruments TPS3808G01DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.ti.com
DEVICE OPERATION
SENSE INPUT
RESET OUTPUT
V
IN
TPS3808G01
V
D D
SENSE
GND
RESET
R
1
R
2
1nF
V
IT
= (1 +
)0.405
R
1
R
2
V
OUT
MANUAL RESET (MR) INPUT
2.5V
T PS 380 8G 25
O M AP 1510
V
DD
SENSE
V
DDSHV 1, 3, 6, 7, 9
GND
GND
C
T
MR
RESET
1M
RESPWRON
TPS3808
SBVS050E – MAY 2004 – REVISED OCTOBER 2005
supply line can be used to allow the reset signal for
The TPS3808 microprocessor supervisory product
the microprocessor to have a voltage higher than VDD
family is designed to assert a RESET signal when
(up to 6.5V). The pull-up resistor should be no
either the SENSE pin voltage drops below VIT or the
smaller than 10k
Ω as a result of the finite impedance
manual reset (MR) is driven low. The RESET output
of the RESET line.
remains asserted for a user-adjustable time after both
the manual reset (MR) and SENSE voltages return
above their thresholds. A broad range of voltage
threshold and reset delay time adjustments are
The SENSE input provides a terminal at which any
available, allowing these devices to be used in a wide
system voltage can be monitored. If the voltage on
array of applications. Reset threshold voltages can be
this pin drops below VIT, then RESET is asserted.
factory-set from 0.82V to 3.3V or from 4.4V to 5.0V,
The comparator has a built-in hysteresis to ensure
while the TPS3808G01 can be set to any voltage
smooth RESET assertions and de-assertions. It is
above 0.405V using an external resistor divider. Two
good analog design practice to put a 1nF to 10nF
preset
delay
times
are
also
user-selectable:
bypass capacitor on the SENSE input to reduce
connecting the CT pin to VDD results in a 300ms reset
sensitivity to transients and layout parasitics.
delay, while leaving the CT pin open yields a 20ms
The TPS3808G01 can be used to monitor any
reset delay. In addition, connecting a capacitor
voltage rail down to 0.405V using the circuit shown in
between CT and GND allows the designer to select
Figure 11.
any reset delay period from 1.25ms to 10s.
A typical application of the TPS3808G25 used with
the OMAP1510 processor is shown in Figure 10. The
open drain RESET output is typically connected to
the RESET input of a microprocessor. A pull-up
resistor must be used to hold this line high when
RESET is not asserted. The RESET output is
undefined for voltage below 0.8V, but this is normally
not a problem since most microprocessors do not
function below this voltage. RESET remains high
Figure 11. Using the TPS3808G01 to Monitor a
(unasserted) as long as SENSE is above its threshold
User-Defined Threshold Voltage
(VIT) and the manual reset (MR) is logic high. If either
SENSE falls below VIT or MR is driven low, RESET is
asserted, driving the RESET pin to a low impedance.
The manual reset (MR) input allows a processor or
other logic circuits to initiate a reset. A logic low
(0.3VDD) on MR causes RESET to assert. After MR
returns to a logic high and SENSE is above its reset
threshold, RESET is de-asserted after the user
defined reset delay expires. Note that MR is internally
tied to VDD using a 90kΩ resistor so this pin can be
left unconnected if MR will not be used.
See Figure 12 for how MR can be used to monitor
multiple system voltages. Note that if the logic signal
Figure 10. Typical Application of the TPS3808
driving MR does not go fully to VDD, there will be
with an OMAP Processor
some additional current draw into VDD as a result of
the internal pull-up resistor on MR. To minimize
Once MR is again logic high and SENSE is above VIT
current draw, a logic-level FET can be used as
+ VHYS (the threshold hysteresis), a delay circuit is
illustrated in Figure 13.
enabled which holds RESET low for a specified reset
delay period. Once the reset delay has expired, the
RESET pin goes to a high impedance state. The
pull-up resistor from the open drain RESET to the
8


Numéro de pièce similaire - TPS3808G01DBVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3808G01DBVT TI-TPS3808G01DBVT Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01DBVT TI-TPS3808G01DBVT Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01DBVT TI-TPS3808G01DBVT Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01DBVT TI-TPS3808G01DBVT Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01DBVT TI-TPS3808G01DBVT Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Description similaire - TPS3808G01DBVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com