Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSHS-EFD15-1S-8P-ZA Fiches technique(PDF) 2 Page - Ferroxcube International Holding B.V.

No de pièce CSHS-EFD15-1S-8P-ZA
Description  Dimensions for product: EFD15/8/5
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FERROXCUBE [Ferroxcube International Holding B.V.]
Site Internet  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CSHS-EFD15-1S-8P-ZA Fiches technique(HTML) 2 Page - Ferroxcube International Holding B.V.

  CSHS-EFD15-1S-8P-ZA Datasheet HTML 1Page - Ferroxcube International Holding B.V. CSHS-EFD15-1S-8P-ZA Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EFD15/8/5
Core
Product specifications
Power loss: 3F36
Measuring conditions
Unit
Max
500 kHz
W/set
0.076
50 mT
100 ºC
500 kHz
W/set
0.590
100 mT
100 ºC
Power loss: 3F46
Measuring conditions
Unit
Max
1000 kHz
W/set
0.200
50 mT
100 ºC
3000 kHz
W/set
0.056
10 mT
100 ºC
Bsat
Measuring conditions
Min
Material
Unit
25 kHz
mT
330
250 A/m
100 ºC
3C95
25 kHz
mT
340
250 A/m
100 ºC
3C96
25 kHz
mT
340
250 A/m
100 ºC
3F36
25 kHz
mT
330
250 A/m
100 ºC
3F46
Description
Accessories
Ordering code
Ordering name
CLI-EFD15
432202135141
Clip
CLM-EFD15
432202102001
Clamp
CPH-EFD15-1S-8PD-Z
432202106201
Coil former, termoplastic, horizontal
CPHS-EFD15-1S-10P
432202102921
Coil former, termoplastic, horizontal, S
CSH-EFD15-1S-8P-IZ
432202106821
Coil former, termoset, horizontal
CSH-EFD15-1S-8PR-TZ
432202107301
Coil former, termoset, horizontal
CSH-EFD15-1S-8P-TZ
432202106281
Coil former, termoset, horizontal
CSHS-EFD15-1S-12P
432202104141
Coil former, termoset, horizontal, SMD
CSHS-EFD15-1S-8P-Z
432202106071
Coil former, termoset, horizontal, SMD
CSHS-EFD15-1S-8P-ZA
432202106081
Coil former, termoset, horizontal, SMD
2016


Numéro de pièce similaire - CSHS-EFD15-1S-8P-ZA

FabricantNo de pièceFiches techniqueDescription
logo
Ferroxcube Internationa...
CSHS-EFD15-1S-8P-ZA FERROXCUBE-CSHS-EFD15-1S-8P-ZA Datasheet
43Kb / 1P
   CSHS-EFD15-1S-8P-ZA
CSHS-EFD15-1S-8P-ZA FERROXCUBE-CSHS-EFD15-1S-8P-ZA Datasheet
77Kb / 2P
   Dimensions for product: EFD15/8/5
CSHS-EFD15-1S-8P-ZA FERROXCUBE-CSHS-EFD15-1S-8P-ZA Datasheet
77Kb / 2P
   CSH-EFD15-1S-8PR-TZ
More results

Description similaire - CSHS-EFD15-1S-8P-ZA

FabricantNo de pièceFiches techniqueDescription
logo
Ferroxcube Internationa...
CLI-EFD15 FERROXCUBE-CLI-EFD15_17 Datasheet
77Kb / 2P
   Dimensions for product: EFD15/8/5
CSH-EFD15-1S-8P-IZ FERROXCUBE-CSH-EFD15-1S-8P-IZ_17 Datasheet
77Kb / 2P
   Dimensions for product: EFD15/8/5
CPH-E16-8-5-1S-6P-Z FERROXCUBE-CPH-E16-8-5-1S-6P-Z Datasheet
76Kb / 2P
   Dimensions for product: E16/8/5
CPH-E19-8-5-2S-4P-C FERROXCUBE-CPH-E19-8-5-2S-4P-C Datasheet
76Kb / 2P
   Dimensions for product: E19/8/5
CPH-E19-8-5-4S-10P FERROXCUBE-CPH-E19-8-5-4S-10P Datasheet
76Kb / 2P
   Dimensions for product: E19/8/5
CPH-E19-8-5-1S-8PD-Z FERROXCUBE-CPH-E19-8-5-1S-8PD-Z Datasheet
76Kb / 2P
   Dimensions for product: E19/8/5
CP-P9-5-1S-A FERROXCUBE-CP-P9-5-1S-A Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CP-P9-5-1S-NC FERROXCUBE-CP-P9-5-1S-NC Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CP-P9-5-2S-C FERROXCUBE-CP-P9-5-2S-C Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CP-P14-8-1S FERROXCUBE-CP-P14-8-1S Datasheet
81Kb / 2P
   Dimensions for product: P14/8
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com