Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1200TS Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TEA1200TS
Description  0.95 V starting DC-to-DC converter with low battery indicator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1200TS Fiches technique(HTML) 5 Page - NXP Semiconductors

  TEA1200TS Datasheet HTML 1Page - NXP Semiconductors TEA1200TS Datasheet HTML 2Page - NXP Semiconductors TEA1200TS Datasheet HTML 3Page - NXP Semiconductors TEA1200TS Datasheet HTML 4Page - NXP Semiconductors TEA1200TS Datasheet HTML 5Page - NXP Semiconductors TEA1200TS Datasheet HTML 6Page - NXP Semiconductors TEA1200TS Datasheet HTML 7Page - NXP Semiconductors TEA1200TS Datasheet HTML 8Page - NXP Semiconductors TEA1200TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2002 May 14
5
Philips Semiconductors
Product specification
0.95 V starting DC-to-DC converter
with low battery indicator
TEA1200TS
PINNING
SYMBOL
PIN
DESCRIPTION
LX1
1
inductor connection 1
SHDWN0
2
DC-to-DC converter shut-down
input
UPOUT/DNIN
3
up mode: DC-to-DC converter
output; down mode DC-to-DC
converter input
UPOUT/DNIN
4
up mode: DC-to-DC converter
output; down mode DC-to-DC
converter input
ILIM
5
current limiting resistor
connection
n.c.
6
not connected
Vref
7
reference voltage input
GND
8
internal supply ground
LBI1
9
low battery detector input 1
LBO
10
low battery detector output
Vref
11
reference voltage input
FB0
12
DC-to-DC converter feedback
input
GND0
13
DC-to-DC converter ground
SYNC/PWM
14
synchronization clock input or
PWM-only selection input
U/D
15
conversion mode selection input
LX2
16
inductor connection 2
handbook, halfpage
TEA1200TS
MBL419
1
2
3
4
5
6
7
8
LX1
SHDWN0
UPOUT/DNIN
UPOUT/DNIN
ILIM
n.c.
Vref
GND
LX2
U/D
SYNC/PWM
GND0
FB0
Vref
LBO
LBI1
16
15
14
13
12
11
10
9
Fig.2 Pin configuration.
FUNCTIONAL DESCRIPTION
Control mechanism
The TEA1200TS DC-to-DC converter is able to operate in
the PFM (discontinuous conduction) or PWM (continuous
conduction) operating mode. All switching actions are
completely determined by a digital control circuit which
uses the output voltage level as its control input. This novel
digital approach enables the use of a new pulse width and
frequency modulation scheme, which ensures optimum
power efficiency over the complete range of operation of
the converter.
When high output power is requested, the device will
operate in the PWM operating mode. This results in
minimum AC currents in the circuit components and hence
optimum efficiency, minimum costs and low EMC. In this
operating mode, the output voltage is allowed to vary
between two predefined voltage levels. As long as the
output voltage stays within this so-called window,
switching continues in a fixed pattern.
When the output voltage reaches one of the window
borders, the digital controller immediately reacts by
adjusting the pulse width and inserting a current step in
such a way that the output voltage stays within the window
with higher or lower current capability. This approach
enables very fast reaction to load variations. Figure 3
shows the response of the converter to a sudden load
increase. The upper trace shows the output voltage.
The ripple on top of the DC level is a result of the current
in the output capacitor, which changes in sign twice per
cycle, times the internal Equivalent Series Resistance
(ESR) of the capacitor. After each ramp-down of the
inductor current, i.e. when the ESR effect increases the
output voltage, the converter determines what to do in the
next cycle. As soon as more load current is taken from the
output the output voltage starts to decay.


Numéro de pièce similaire - TEA1200TS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1201TS PHILIPS-TEA1201TS Datasheet
108Kb / 24P
   0.95 V starting basic power unit
2002 Jun 06
TEA1202 PHILIPS-TEA1202 Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1202TS PHILIPS-TEA1202TS Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1204 PHILIPS-TEA1204 Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
More results

Description similaire - TEA1200TS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1201TS PHILIPS-TEA1201TS Datasheet
108Kb / 24P
   0.95 V starting basic power unit
2002 Jun 06
logo
JMK Inc.
GG-1570-20 JMK-GG-1570-20 Datasheet
138Kb / 4P
   The power converter / Backup Battery is a nominal 13.8 volt to 13.8 volt dc-dc converter With a backup battery to supply power during starting etc.
logo
Linear Technology
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1305 LINER-LT1305_15 Datasheet
224Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
logo
ON Semiconductor
NCP1417 ONSEMI-NCP1417 Datasheet
128Kb / 16P
   200 mA DC-DC Step-up Converter with Dual Low Battery Protection
April, 2002 ??Rev. 1
logo
Silicon image
SI3500 SILICONIMAGE-SI3500 Datasheet
198Kb / 18P
   50 V INPUT DC TO DC CONVERTER
logo
Silicon Laboratories
SI3500 SILABS-SI3500 Datasheet
206Kb / 18P
   50 V INPUT DC TO DC CONVERTER
logo
Unisonic Technologies
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
ON Semiconductor
NCP1404 ONSEMI-NCP1404 Datasheet
49Kb / 8P
   350 mA PWM/PFM Step-Up DC-DC Converter with Low Battery Detector
June, 2002 ??Rev. 0
logo
Linear Technology
LTC1980 LINER-LTC1980_1 Datasheet
238Kb / 16P
   Combination Battery Charger and DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com