Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC83220-0029 Fiches technique(PDF) 8 Page - Toshiba Semiconductor

No de pièce TC83220-0029
Description  TC83220-0029 CMOS Single-Chip LSI for FL (fluorescent) Calculator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC83220-0029 Fiches technique(HTML) 8 Page - Toshiba Semiconductor

Back Button TC83220-0029 Datasheet HTML 4Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 5Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 6Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 7Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 8Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 9Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 10Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 11Page - Toshiba Semiconductor TC83220-0029 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC83220-0029
2003-03-27
8
Key
TAB 4/5
IC
10/12
S
GT
Touch
Print
Display
F
4/5
OFF
10
S
OFF
GT
OFF
3
´·····
4
¸·····
=·····
5
´·····
6%·····
+·····
2
¸·····
3%·····
2·MU/D···
3=·····
2
D%·····
3=·····
*·····
GT·····
2+·····
3+·····
*·····
3-·····
4-·····
5-·····
*·····
GT·····
GT·····
M+·····
C·····
3.
4.
4.
3.
<PF>·
5.
6.
0.3
<PF>·
5.3
<PF>·
2.
3.
66.66666666
<PF>·
2.
3.
0.06185567
2.06185567
<PF>·
2.
3.
1.
50.
<PF>·
122.0285223
<PF>·
0.
2.
3.
5.
<PF>·
3.
4.
5.
12.
<PF>·
7.
7.
<PF>·
-7.
0.
···
´
···
¸
···=
···+
···
´
···%
···+
·+·%
···
¸
···%
···+
·M
···%
·
D·*
···+
·
D
···=
·
D·*
···+
···*
·G·
···+
···+
·G·+
···-
···-
···-
· G ·+
· G ·
· G ·*
· M ·+
·C
R
R
R
R
R
R
R
M
M
3.
12.
3.
5.
0.3
5.3
2.
66.66666666
2.
2.06185567
2.
50.
122.0285223
0.
2.
5.
5.
-3.
-7.
-12.
-12.
-7.
-7.
-7.
0.
Note 6: <PF> .......................Paper feed
PRINT COLOR........R: Red
.......No mark: Black


Numéro de pièce similaire - TC83220-0029

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0027 TOSHIBA-TC83220-0027 Datasheet
261Kb / 16P
   TC83220-0027 Single-Chip CMOS LSI for FL (fluorescent) Calculator
More results

Description similaire - TC83220-0029

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC83220-0027 TOSHIBA-TC83220-0027 Datasheet
261Kb / 16P
   TC83220-0027 Single-Chip CMOS LSI for FL (fluorescent) Calculator
T6M23A TOSHIBA-T6M23A Datasheet
896Kb / 25P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
T6M74A TOSHIBA-T6M74A Datasheet
837Kb / 25P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
T7950S TOSHIBA-T7950S Datasheet
414Kb / 11P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
T6A36S TOSHIBA-T6A36S Datasheet
843Kb / 32P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
T6M19 TOSHIBA-T6M19 Datasheet
671Kb / 17P
   CMOS 1 CHIP LSI FOR LCD ESECTRONIC CALCULATOR
T7987A TOSHIBA-T7987A Datasheet
898Kb / 24P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
T7988 TOSHIBA-T7988 Datasheet
897Kb / 23P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
T9947S TOSHIBA-T9947S Datasheet
1Mb / 34P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
T6M27S TOSHIBA-T6M27S Datasheet
374Kb / 12P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com