Moteur de recherche de fiches techniques de composants électroniques |
|
STQ2NF06L Fiches technique(PDF) 3 Page - STMicroelectronics |
|
STQ2NF06L Fiches technique(HTML) 3 Page - STMicroelectronics |
3 / 9 page 3/9 STQ2NF06L Thermal Impedance Junction-lead SWITCHING ON SWITCHING OFF SOURCE DRAIN DIODE (*)Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %. ( •)Pulse width limited by safe operating area. Symbol Parameter Test Conditions Min. Typ. Max. Unit td(on) tr Turn-on Time Rise Time VDD = 30 V ID = 1 A RG = 4.7 Ω VGS = 4.5 V (Resistive Load, Figure 3) 10 20 ns ns Qg Qgs Qgd Total Gate Charge Gate-Source Charge Gate-Drain Charge VDD= 48 V ID= 2 A VGS= 5 V 5.6 1.2 2.6 7.6 nC nC nC Symbol Parameter Test Conditions Min. Typ. Max. Unit td(off) tf Turn-off Delay Time Fall Time VDD = 30 V ID = 1 A RG = 4.7Ω, VGS = 4.5 V (Resistive Load, Figure 3) 17 6 ns ns Symbol Parameter Test Conditions Min. Typ. Max. Unit ISD ISDM (•) Source-drain Current Source-drain Current (pulsed) 2 8 A A VSD (*) Forward On Voltage ISD = 2 A VGS = 0 1.3 V trr Qrr IRRM Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 2 A di/dt = 100A/µs VDD = 20 V Tj = 150°C (see test circuit, Figure 5) 28 31 2.2 ns nC A ELECTRICAL CHARACTERISTICS (continued) Safe Operating Area |
Numéro de pièce similaire - STQ2NF06L |
|
Description similaire - STQ2NF06L |