Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPAM10S-480025 Fiches technique(PDF) 1 Page - Total Power International

No de pièce TPAM10S-480025
Description  ON-BOARD AC/DC MODULAR POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAM10S-480025 Fiches technique(HTML) 1 Page - Total Power International

  TPAM10S-480025 Datasheet HTML 1Page - Total Power International TPAM10S-480025 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR
POWER SUPPLIES 10 WATTS SINGLE & DUAL OUTPUT
TPAM10S & TPAM10D SERIES
FEATURES:
ON-BOARD AC/DC MODULAR
POWER SUPPLIES
UNIVERSAL AC INPUT RANGE
COMPACT IN SIZE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB.22 / FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: Typical 67-79%. (Various with output voltage)
Switching Frequency: 75K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Typical peak deviation 250mV,
Recovery time < 3mS for a 25% load change.
Case: Impact resistant thermo-plastic enclosure.
Weight: 120g (4.23 Oz).
Power Density: 2.51 Watts. / Cubic inch.
Safety Standard: EN60950/ UL1950 Class I.
MTBF: 100,000 hours. Mil Std 217, 25°C.
Operating Temperature: -10 to +70°C range.
-10°C to +50°C full load without derating.
From +50°C, derating linearly to half load at +70°C.
(Refer to Derating Chart.)
Storage Temperature: -20°C to +85°C.
Temperature Coefficient: ± 0.02% /°C.
Humidity: Up to 95%RH, Non-condensing.
Cooling: Convection cooling for +50°C at full load.
At least 100LFM moving air is recommended
for full load > +50°C in a confined area.
Commercial Grade only.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load Regulation measured from Full-Load (F-L) to Half-Load (H-L) at nominal input and others loaded at half load.
(3) Due to requests in market and advances in technology, specifications subject to change without notice.
For the details of safety approval, please consult the factory.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typical 10 Watts.
Output Indicator: LED.
Line Regulation: Various with output voltage.
TPAM10S typical ±0.1%.
TPAM10D typical ±0.2%.
Load Regulation: Various with output voltage.
TPAM10S typical ±1.0%.
TPAM10D typical ±2.0%.
Noise & Ripple: Typical 1.0% peak to peak.
OVP: Built-in on main output.
Adjustability: From -10% of main output till OVP.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typical 90-264Vac. (or 110-340Vdc).
Input Frequency: 47-63 Hz. (50/60Hz.Nom.) or DC.
Input Current: 0.3A at 115Vac./ 0.13A at 230Vac.
Inrush Current: 32.5A peak at 230Vac.
Input Fuse: Use external fuse. 1.0A/250Vac for
primary fuse is suggested.
Dielectric Withstand: Meet IEC950.
3,000Vac-Output/Input.
1,500Vac-Input/GND.
500Vac-Output/GND.
EMI: Meet CISPR PUB.22/ FCC Class B.
Hold-up time: 20mS at 115Vac, 80mS at 230Vac.
Earth Leakage Current: Less than 3.5mA at 230Vac.
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


Numéro de pièce similaire - TPAM10S-480025

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPAM10S-480022 TOTAL-POWER-TPAM10S-480022 Datasheet
207Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 10-WATTS SINGLE AND DUAL OUTPUT TPAM10S AND TPAM10D SERIES
More results

Description similaire - TPAM10S-480025

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPAM50S TOTAL-POWER-TPAM50S_17 Datasheet
278Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE
logo
HITRON ELECTRONICS CORP...
HAM10-T HITRON-HAM10-T Datasheet
429Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS TRIPLE OUTPUT
HAM16-T HITRON-HAM16-T Datasheet
349Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS TRIPLE OUTPUT
HAM10S HITRON-HAM10S Datasheet
370Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS SINGLE & DUAL OUTPUT
HAM50-S HITRON-HAM50-S Datasheet
260Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE & MULTIPLE OUTPUT
logo
Total Power Internation...
TPAM05S TOTAL-POWER-TPAM05S_17 Datasheet
417Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
logo
HITRON ELECTRONICS CORP...
HAM16S HITRON-HAM16S Datasheet
359Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS SINGLE & DUAL OUTPUT
HAM05S HITRON-HAM05S Datasheet
322Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
logo
TDK Electronics
KPSA TDK-KPSA Datasheet
182Kb / 2P
   4-15W AC-DC Board Mount Power Supplies
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com