Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4818DY-T1 Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SI4818DY-T1
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4818DY-T1 Fiches technique(HTML) 5 Page - Vishay Siliconix

  SI4818DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4818DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4818DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4818DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI4818DY-T1 Datasheet HTML 5Page - Vishay Siliconix SI4818DY-T1 Datasheet HTML 6Page - Vishay Siliconix SI4818DY-T1 Datasheet HTML 7Page - Vishay Siliconix SI4818DY-T1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Si4818DY
Vishay Siliconix
Document Number: 71122
S-31062—Rev. B, 26-May-03
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
CHANNEL−1
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Square Wave Pulse Duration (sec)
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
CHANNEL−2
0
8
16
24
32
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.000
0.006
0.012
0.018
0.024
0.030
0
8
16
24
32
40
0
8
16
24
32
40
0
2468
10
0
500
1000
1500
2000
2500
0
6
12
18
24
30
VGS = 10 thru 4 V
25
_C
TC = 125_C
Crss
Coss
Ciss
VGS = 4.5 V
VGS = 10 V
-55
_C
3 V
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
VDS - Drain-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
2 V


Numéro de pièce similaire - SI4818DY-T1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4818DY VISHAY-SI4818DY Datasheet
139Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4818DY VISHAY-SI4818DY_V01 Datasheet
139Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

Description similaire - SI4818DY-T1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com