Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2400-BS Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce SI2400-BS
Description  V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SI2400-BS Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SI2400-BS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI2400-BS Datasheet HTML 7Page - List of Unclassifed Manufacturers SI2400-BS Datasheet HTML 8Page - List of Unclassifed Manufacturers SI2400-BS Datasheet HTML 9Page - List of Unclassifed Manufacturers SI2400-BS Datasheet HTML 10Page - List of Unclassifed Manufacturers SI2400-BS Datasheet HTML 11Page - List of Unclassifed Manufacturers SI2400-BS Datasheet HTML 12Page - List of Unclassifed Manufacturers SI2400-BS Datasheet HTML 13Page - List of Unclassifed Manufacturers SI2400-BS Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
Si 24 00
10
Rev. 0.95
Bill of Materials
Table 9. Global Component Values—Si2400 Chipset
Component
Value
Suppliers
C1,C4
150 pF, 3 kV, X7R,±20%
Novacap, Venkel, Johanson, Murata, Panasonic
C21
150 pF, 3 kV, X7R,±20%
Not Installed
C3
0.22 µF, 16 V, X7R, ±20%
C52
0.1 µF, 50 V, Elec/Tant/X7R, ±20%
C6,C10,C13,C16
0.1 µF, 16 V, X7R, ±20%
C7,C8
1800 pF, 250 V, X7R, ±20%
Novacap, Venkel, Johanson, Murata, Panasonic
C9
22 nF, 250 V, X7R, ±20%
Novacap, Venkel, Johanson, Murata, Panasonic
C12
1.0 µF, 16 V, Tant/X7R, ±20%
C142
0.68 µF, 16 V, X7R/Elec/Tant, ±20%
C18,C19
12 nF, 16 V, X7R, ±20%
C20
0.01 µF, 16 V, X7R, ±20%
C24,C25
1000 pF, 3 kV, X7R, ±10%
Novacap, Venkel, Johanson, Murata, Panasonic
C26,C27
33 pF, 16 V, NPO, ±5%
C303
10 pF, 16 V, NPO, ±10%
Not Installed
C31,C323
1000 pF, 3 kV, X7R, ±10%
Not Installed
D1,D24
Dual Diode, 300 V, 225 mA
Central Semiconductor
FB1,FB2
Ferrite Bead, BLM31A601S
Murata
Q1,Q3
A42, NPN, 300 V
OnSemiconductor, Fairchild, Zetex
Q2
A92, PNP, 300 V
OnSemiconductor, Fairchild, Zetex
Q45
BCP56, NPN, 60 V, 1/2 W
OnSemiconductor, Fairchild
RV1
Sidactor, 275 V, 100 A
Teccor, ST Microelectronics, Microsemi, TI
RV26
240 V, MOV
Not Installed
R22
402
Ω, 1/16 W, ±1%
R5
100 k
Ω, 1/16 W, ±1%
R6
120 k
Ω, 1/16 W, ±5%
R7,R8,R15,R16,R17,R198
4.87 k
Ω, 1/4 W, ±1%
R9,R10
15 k
Ω, 1/10 W, ±5%
R11
10 k
Ω, 1/16 W, ±1%
R122
78.7
Ω, 1/16 W, ±1%
R132
215
Ω, 1/16 W, ±1%
R18
2.2 k
Ω, 1/10 W, ±5%
R24
150
Ω, 1/16 W, ±5%
R25,R26
10 M
Ω, 1/16 W, ±5%
U1
Si2400
Silicon Labs
U2
Si3015
Silicon Labs
Y1
4.9152 MHz, 20 pF, 50 ppm, 150 ESR
Not Installed
Z12
Zener Diode, 43 V, 1/2 W
Vishay, Motorola, Rohm
Notes:
1.
C2 was included in previous revisions of the data sheet. Replacing C2 with C4 improves longitudinal balance.
2.
For FCC-only designs: C14, R12, and R13 are not required; R2 may be ±5%; with Z1 rated at 18 V, C5 may be rated at 16 V; also see note 7.
3.
C30, C31, C32 may provide an additional improvement in emissions/immunity and/or voice performance, depending on design and layout. Population
option recommended. See "Emissions/Immunity‚" on page 62.
4.
Several diode bridge configurations are acceptable (suppliers include General Semi., Diodes Inc.).
5.
Q4 may require copper on board to meet 1/2 W power requirement. (Contact manufacturer for details.)
6.
RV2 can be installed to improve performance from 2500 V to 3500 V for multiple longitudinal surges (240 V, MOV).
7.
The R7, R8, R15, and R16, R17, R19 resistors may each be replaced with a single resistor of 1.62 k
Ω, 3/4 W, ±1%. For FCC-only designs, 1.62 kΩ, 1/16
W, ±5% resistors may be used.


Numéro de pièce similaire - SI2400-BS

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2400URT-EVB SILABS-SI2400URT-EVB Datasheet
683Kb / 22P
   Audio connector for call monitoring
More results

Description similaire - SI2400-BS

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
SI2401-FSR SILABS-SI2401-FSR Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com