Moteur de recherche de fiches techniques de composants électroniques |
|
SA25C512LENX Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers |
|
SA25C512LENX Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 19 page SA25C512 Data Sheet SAIFUN 8 AC Test Conditions 0.7Vcc 0.2Vcc 0.8Vcc 0.3Vcc Input Levels Input and Output Timing Reference Levels Figure 3. AC Measurements I/O Waveform Table 3. AC Measurements Symbol Parameter Min Max Unit CL Load Capacitance 30 PF Input Rise and Fall Times 5 NS Input Pulse Voltage 0.2 VCC to 0.8 VCC V Input and Output Timing Reference Voltages 0.3 VCC to 0.7 VCC V Table 4. AC Characteristics 10 MHz Symbol Parameter Min Typ Max Unit FSCK SCK Clock Frequency 10 MHz tWH SCK High Time 40 ns tWL SCK Low Time 40 ns tCS CSb High Time 50 ns tCSS CSb Setup Time 50 ns tCSH CSb HOLD Time 50 ns tHD HOLD Time 25 ns tCD HOLDB HOLD Time 25 ns tV Output Valid 0 40 ns tHO Output HOLD Time 0 ns tHD:DAT Data in HOLD Time 15 ns tSU:DAT Data in Setup Time 12 ns tR Input Rise Time 2 ns tF Input Fall Time 2 ns tLZ HOLDb to Output Low Z 100 ns tHZ HOLDb to Output High Z 100 ns tDIS Output Disable Time 100 ns tWC* 128-byte Page 8 ms Endurance 100K Write cycles * 128 bytes in the checkerboard programming formation; a maximum of 50% of the array is programmed. |
Numéro de pièce similaire - SA25C512LENX |
|
Description similaire - SA25C512LENX |