Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PH3230 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce PH3230
Description  N-channel enhancement mode field-effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH3230 Fiches technique(HTML) 3 Page - NXP Semiconductors

  PH3230 Datasheet HTML 1Page - NXP Semiconductors PH3230 Datasheet HTML 2Page - NXP Semiconductors PH3230 Datasheet HTML 3Page - NXP Semiconductors PH3230 Datasheet HTML 4Page - NXP Semiconductors PH3230 Datasheet HTML 5Page - NXP Semiconductors PH3230 Datasheet HTML 6Page - NXP Semiconductors PH3230 Datasheet HTML 7Page - NXP Semiconductors PH3230 Datasheet HTML 8Page - NXP Semiconductors PH3230 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
PH3230
N-channel enhancement mode field-effect transistor
Product data
Rev. 03 — 25 June 2003
3 of 13
9397 750 10949
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
VGS ≥ 10 V
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature.
Fig 2.
Normalized continuous drain current as a
function of mounting base temperature.
IAR = 5 A; VDD = 15 V; duty cycle < 0.1%; RG ≥ 50 Ω
Fig 3.
Repetitive drain-source avalanche energy as a function of junction temperature.
03ah31
0
40
80
120
0
50
100
150
200
Tmb (°C)
Pder
(%)
03ag77
0
40
80
120
0
50
100
150
200
Tmb (°C)
Ider
(%)
P
der
P
tot
P
tot 25 C
°
()
----------------------
100%
×
=
I
der
I
D
I
D25 C
°
()
-------------------
100%
×
=
03aj93
0
1
2
3
4
0
50
100
150
Tj (°C)
EDS(AL)R
(mJ)


Numéro de pièce similaire - PH3230

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PH3230S PHILIPS-PH3230S Datasheet
97Kb / 12P
   N-channel TrenchMOS??logic level FET
Rev. 03-02 March 2004
PH3230S NXP-PH3230S Datasheet
385Kb / 12P
   N-channel TrenchMOS intermediate level FET
Rev. 04-27 November 2009
logo
Nexperia B.V. All right...
PH3230S NEXPERIA-PH3230S Datasheet
486Kb / 13P
   N-channel TrenchMOS intermediate level FET
Rev. 04 - 27 November 2009
More results

Description similaire - PH3230

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com