Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA2674 Fiches technique(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce OPA2674
Description  Dual Wideband, High Output Current Operational Amplifier with Current Limit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2674 Fiches technique(HTML) 4 Page - Burr-Brown (TI)

  OPA2674 Datasheet HTML 1Page - Burr-Brown (TI) OPA2674 Datasheet HTML 2Page - Burr-Brown (TI) OPA2674 Datasheet HTML 3Page - Burr-Brown (TI) OPA2674 Datasheet HTML 4Page - Burr-Brown (TI) OPA2674 Datasheet HTML 5Page - Burr-Brown (TI) OPA2674 Datasheet HTML 6Page - Burr-Brown (TI) OPA2674 Datasheet HTML 7Page - Burr-Brown (TI) OPA2674 Datasheet HTML 8Page - Burr-Brown (TI) OPA2674 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
OPA2674
SBOS270 − AUGUST 2003
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = ±6V (continued)
Boldface limits are tested at +25
°C.
At TA = +25°C, A1 = A0 = 1 (full power: for SO-14 only), G = +4, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 1 for AC performance only.
TEST
LEVEL
(3)
OPA2674ID, OPA2674I-14D
TEST
LEVEL
(3)
MIN/MAX OVER TEMPERATURE
TYP
PARAMETER
TEST
LEVEL
(3)
MIN/
MAX
UNITS
−40
°C to
+85
°C(2)
0
°C to
+70
°C(2)
+25
°C(1)
+25
°C
TEST CONDITIONS
Power Supply
Specified Operating Voltage
±6
V
typ
C
Maximum Operating Voltage
±6.3
±6.3
±6.3
V
max
A
Maximum Quiescent Current
VS = ±6V
18
18.6
18.8
19.2
mA
max
A
Minimum Quiescent Current
VS = ±6V
18
17.4
16.5
16.0
mA
min
A
Power-Supply Rejection Ratio (PSRR)
f = 100kHz, Input Referred
56
51
49
48
dB
min
A
Power Supply (SO-14 Only)
Maximum Logic 0
A1, A0, +VS = +6V
2.5
2.0
1.8
1.5
V
max
A
Minimum Logic 1
A1, A0, +VS = +6V
3.3
3.6
4.0
4.2
V
min
A
Logic Input Current
A1 = 0V, A0 = 0V, Each Line
60
90
100
105
µA
max
A
Supply Current at Full Power
A1 = 1, A0 = 1 (logic levels)
18.0
18.6
18.8
19.2
mA
max
A
Supply Current at Power Cutback
A1 = 1, A0 = 0 (logic levels)
13.3
14.2
14.4
14.8
mA
max
A
Supply Current at Idle Power
A1 = 0, A0 = 1 (logic levels)
4.0
4.8
5.1
5.3
mA
max
A
Supply Current at Shutdown
A1 = 0, A0 = 0 (logic levels)
1.0
1.3
1.4
1.5
mA
max
A
Output Impedance in Idle Power
G = +4, f < 1MHz
0.1
typ
C
Output Impedance in Shutdown
100
 4
k
Ω pF
typ
C
Supply Current Step Time
10% to 90% Change
200
ns
typ
C
Output Switching Glitch
Inputs at GND
±20
mV
typ
C
Shutdown Isolation
G = +4, 1MHz, A1 = 0, A0 = 0
85
dB
typ
C
Thermal Characteristics
Specification: ID, I-14D
−40 to
+85
°C
Thermal Resistance,
qJA
ID
SO
-8
Junction
-to-Ambient
125
°C/W
typ
C
I-14D
SO-14
100
°C/W
typ
C
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +23°C at high temperature limit for over temperature
specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(4) Current is considered positive out of node. VCM is the input common-mode voltage.
(5) Tested < 3dB below minimum CMRR specification at ± CMIR limits.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn