Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE5517 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce NE5517
Description  Dual operational transconductance amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5517 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button NE5517 Datasheet HTML 2Page - NXP Semiconductors NE5517 Datasheet HTML 3Page - NXP Semiconductors NE5517 Datasheet HTML 4Page - NXP Semiconductors NE5517 Datasheet HTML 5Page - NXP Semiconductors NE5517 Datasheet HTML 6Page - NXP Semiconductors NE5517 Datasheet HTML 7Page - NXP Semiconductors NE5517 Datasheet HTML 8Page - NXP Semiconductors NE5517 Datasheet HTML 9Page - NXP Semiconductors NE5517 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Philips Semiconductor
Product data
NE5517/NE5517A/
AU5517
Dual operational transconductance amplifier
2002 Dec 06
6
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT
VCMR
VOUT
10
10
10
10
1
0.1
µA1µA10µA
100
µA
1000
µA
AMPLIFIER BIAS CURRENT (IABC)
VS = ±15V
+125
°C
4
3
2
+25
°C
-55
°C
Peak Output Current
10
10
10
10
10
4
3
2
5
-50
°C -25°C0°C25°C50°C75°C100°C125°C
Leakage Current
0V
(+)VIN = (–)VIN = VOUT = 36V
AMBIENT TEMPERATURE (TA)
10
10
10
10
10
4
3
2
0.1
µA1µA10µA
100
µA
1000
µA
AMPLIFIER BIAS CURRENT (IABC)
VS = ±15V
+125
°C
+25
°C
-55
°C
Transconductance
5
gM
mq
m
M
PINS 2, 15
OPEN
10
10
1
0.1
0.01
1
2
0.1
µA1µA10µA
100
µA
1000
µA
AMPLIFIER BIAS CURRENT (IABC)
Input Resistance
PINS 2, 15
OPEN
10
10
10
10
1
3
2
4
INPUT DIFFERENTIAL VOLTAGE
+125
°C
+25
°C
Input Leakage
0
1
23
45
6
7
10
10
10
10
1
3
4
0.1
µA1µA10µA
100
µA
1000
µA
AMPLIFIER BIAS CURRENT (IABC)
Input Bias Current
VS = ±15V
+125
°C
+25
°C
-55
°C
2
10
10
10
1
0.1
2
3
0.1
µA1µA10µA
100
µA
1000
µA
AMPLIFIER BIAS CURRENT (IABC)
Input Bias Current
VS = ±15V
+125
°C
+25
°C
-55
°C
5
0.1
µA1µA10µA
100
µA
1000
µA
AMPLIFIER BIAS CURRENT (IABC)
Input Offset Voltage
VS = ±15V
+125
°C
+25
°C
-55
°C
+125
°C
4
3
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
0.1
µA1µA10µA
100
µA
1000
µA
AMPLIFIER BIAS CURRENT (IABC)
Peak Output Voltage and
Common-Mode Range
VS = ±15V
Tamb = 25°C
VCMR
RLOAD =
SL00309
Figure 4. Typical Performance Characteristics


Numéro de pièce similaire - NE5517

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
NE5517 ONSEMI-NE5517 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
NXP Semiconductors
NE5517A PHILIPS-NE5517A Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517A ONSEMI-NE5517A Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
More results

Description similaire - NE5517

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com