Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54-790-022 Fiches technique(PDF) 3 Page - API Technologies Corp

No de pièce 54-790-022
Description  Resin Sealed Bolt-in Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-790-022 Fiches technique(HTML) 3 Page - API Technologies Corp

  54-790-022 Datasheet HTML 1Page - API Technologies Corp 54-790-022 Datasheet HTML 2Page - API Technologies Corp 54-790-022 Datasheet HTML 3Page - API Technologies Corp 54-790-022 Datasheet HTML 4Page - API Technologies Corp 54-790-022 Datasheet HTML 5Page - API Technologies Corp 54-790-022 Datasheet HTML 6Page - API Technologies Corp 54-790-022 Datasheet HTML 7Page - API Technologies Corp 54-790-022 Datasheet HTML 8Page - API Technologies Corp 54-790-022 Datasheet HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Resin Sealed Bolt-in Filters
.360 ± .031
(9.144 ± .79)
.240 ± .031
(6.10 ± .79)
.120
(3.05)
.220
(5.59)
ø A ± .005
(± .13)
.156 Hex.
(3.96)
#4–40 Unc–2A Thd.
F
7
8
25
25
25
17
20
20
20
24
24
24
12
12
12
14
15
37
37
37
27
30
30
30
35
35
35
5
21
21
21
40
40
42
42
42
34
38
38
38
42
42
42
15
30
30
30
60
65
52
52
52
43
45
45
45
54
54
54
42
41
41
41
70
70
55
55
55
47
45
45
45
56
56
56
65
45
45
45
Minimum Insertion Loss (dB)
50
50
50
50
50
100
100
100
100
100
100
100
200
200
200
200
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number
* Tinned, steel leads.
¦
Also available through API’s authorized distributors.
¦
51-729-305
¦
51-729-312
SCI-3102-002
SCI-3102-000
SCI-3102-007
¦
51-729-304
¦
SCI-3112-002
¦
SCI-3112-000
SCI-3112-007
SCI-3112-102
SCI-3112-100
SCI-3112-107
¦
51-729-303
SCI-3122-002
SCI-3122-000
SCI-3122-007
Figure
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
3
MHz
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
3
3
3
5
10
3
5
5
10
3
5
10
3
3
5
10
5500 pF
7000 pF
0.075 µF
0.075 µF
0.075 µF
0.022 µF
0.027 µF
0.027 µF
0.027 µF
0.05 µF
0.05 µF
0.05 µF
1500 pF
0.01 µF
0.01 µF
0.01 µF
70
70
70
70
70
55
65
65
65
70
70
70
70
70
70
70
70
70
70
70
70
55
70
70
70
70
70
70
70
70
70
70
A
0.018
0.018
0.016
0.016
0.025
0.018
0.016
0.016
0.025
0.016
0.016
0.025
0.018
0.016
0.016
0.025
115
115
115
AC
(0.46)
(0.46)
(0.41)*
(0.41)
(0.64)
(0.46)
(0.41)*
(0.41)
(0.64)
(0.41)*
(0.41)
(0.64)
(0.46)
(0.41)*
(0.41)
(0.64)
In
(mm)
18
18
18
7
10
10
10
15
15
15
1
MHz
CKT
Pi
Pi
LB
LB
LB
LB
LB
LB
LB
LB
LB
LB
Pi
LB
LB
LB
Figure 1
4-40 L and Pi Circuit
Dimensions in inches
(mm)
LP14


Numéro de pièce similaire - 54-790-022

FabricantNo de pièceFiches techniqueDescription
logo
API Technologies Corp
54-790-022 APITECH-54-790-022 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
More results

Description similaire - 54-790-022

FabricantNo de pièceFiches techniqueDescription
logo
API Technologies Corp
SCI-9110-100 APITECH-SCI-9110-100 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
logo
Fox Electronics
FQ5032B-20 FOX-FQ5032B-20 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-6.000 FOX-FQ1045A-6.000 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-24.000 FOX-FQ3225B-24.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-24.576 FOX-FQ5032B-24.576 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com