Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54-790-022 Fiches technique(PDF) 10 Page - API Technologies Corp

No de pièce 54-790-022
Description  Resin Sealed Bolt-in Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-790-022 Fiches technique(HTML) 10 Page - API Technologies Corp

Back Button 54-790-022 Datasheet HTML 4Page - API Technologies Corp 54-790-022 Datasheet HTML 5Page - API Technologies Corp 54-790-022 Datasheet HTML 6Page - API Technologies Corp 54-790-022 Datasheet HTML 7Page - API Technologies Corp 54-790-022 Datasheet HTML 8Page - API Technologies Corp 54-790-022 Datasheet HTML 9Page - API Technologies Corp 54-790-022 Datasheet HTML 10Page - API Technologies Corp 54-790-022 Datasheet HTML 11Page - API Technologies Corp 54-790-022 Datasheet HTML 12Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Resin Sealed Bolt-in Filters
40
43
20
7
7
7
7
7
7
15
40
7
7
7
52
68
60
20
20
20
20
20
40
65
5
5
5
5
5
5
5
14
14
14
27
15
5
12
70
70
65
35
35
40
60
70
10
15
15
15
15
15
15
35
30
35
30
30
10
20
70
70
65
75
65
65
68
65
65
65
70
65
70
35
45
45
43
45
43
45
45
45
45
45
60
50
60
70
65
65
50
45
70
70
65
75
70
70
70
70
70
70
70
65
70
60
45
45
60
45
60
45
45
45
45
45
70
65
70
70
70
70
50
60
Minimum Insertion Loss (dB)
50
50
70
70
100
100
100
100
100
100
100
100
100
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
300
300
350
500
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
Also available through API’s authorized European distributors/agents.
*
Denotes parts supplied with lead as shown in Figure 7.
**
Bushing housing will have 1 1/2 imperfect threads at hex to thread interface.
51-709-013
SCI-3303-000*
51-709-015
¦
1216-001
¦
1270-016*
¦
1270-025
¦
1201-066
51-714-055*
51-714-054*
51-714-053*
51-714-058*
51-714-056
¦
SCI-3313-000*
51-719-022
¦
1201-052
¦
1201-054
51-714-001*
¦
1270-024
51-714-003*
¦
1270-009
51-719-053**
51-719-054*
51-714-051*
51-719-023*
51-714-052*
51-714-004*
¦
51-719-021
51-714-002*
¦
SCI-3323-000*
¦
1221-001
¦
51-709-004
1201-086
¦
51-719-011 €
See
Pg. LP20
for Fig.
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
3
MHz
3
2
3
3
2
2
1
2
2
2
2
6
2
1
5
1
2
2
2
2
5
1
2
5
2
2
1
2
2
4
4
1
1
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
0.1 µF
0.15 µF
0.012 µF
0.050 µF
5500 pF
5500 pF
5500 pF
5500 pF
5500 pF
5500 pF
0.025 µF
0.025 µF
0.10 µF
1300 pF
3000 pF
3000 pF
3000 pF
3000 pF
3000 pF
3000 pF
3000 pF
1500 pF
1500 pF
3000 pF
3000 pF
5500 pF
5500 pF
5500 pF
0.012 µF
5500 pF
5500 pF
2500 pF
3000 pF
70
70
65
75
70
70
70
70
70
70
70
65
70
70
70
70
70
70
70
70
70
70
70
45
70
70
65
70
70
70
70
65
60
70
70
65
75
70
70
70
70
70
70
70
65
70
70
70
70
70
70
70
70
70
70
70
45
70
70
65
70
70
70
70
65
60
B
70
140
140
140
140
140
115
AC
In
(mm)
10
12
15
10
10
1
MHz
M15733
MIL
Number
A
In
(mm)
0.040
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.040
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.040
0.032
0.032
0.032
0.032
0.040
0.040
(1.02)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(1.02)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(1.02)
(0.81)
(0.81)
(0.81)
(0.81)
(1.02)
(1.02)
0.437
0.250
0.470
0.468
0.250
0.235
0.235
0.250
0.250
0.250
0.235
0.250
0.250
0.235
0.235
0.250
0.250
0.235
0.235
0.250
0.250
0.437
0.437
(11.10)
(6.35)
(11.94)
(11.89)
(6.35)
(5.97)
(5.97)
(6.35)
(6.35)
(6.35)
(5.97)
(6.35)
(6.35)
(5.97)
(5.97)
(6.35)
(6.35)
(5.97)
(5.97)
(6.35)
(6.35)
(11.10)
(11.10)
/61-0009
/61-0011
/61-0010
/61-0007
/61-0012
/61-0001
/61-0002
/61-0005
/43-0001
/61-0006
/46-0001
12-28 & 12-32 Pi Circuit
LP21


Numéro de pièce similaire - 54-790-022

FabricantNo de pièceFiches techniqueDescription
logo
API Technologies Corp
54-790-022 APITECH-54-790-022 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
More results

Description similaire - 54-790-022

FabricantNo de pièceFiches techniqueDescription
logo
API Technologies Corp
SCI-9110-100 APITECH-SCI-9110-100 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
logo
Fox Electronics
FQ5032B-20 FOX-FQ5032B-20 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-6.000 FOX-FQ1045A-6.000 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-24.000 FOX-FQ3225B-24.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-24.576 FOX-FQ5032B-24.576 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com