Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54-790-020 Fiches technique(PDF) 2 Page - API Technologies Corp

No de pièce 54-790-020
Description  Resin Sealed Bolt-in Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-790-020 Fiches technique(HTML) 2 Page - API Technologies Corp

  54-790-020 Datasheet HTML 1Page - API Technologies Corp 54-790-020 Datasheet HTML 2Page - API Technologies Corp 54-790-020 Datasheet HTML 3Page - API Technologies Corp 54-790-020 Datasheet HTML 4Page - API Technologies Corp 54-790-020 Datasheet HTML 5Page - API Technologies Corp 54-790-020 Datasheet HTML 6Page - API Technologies Corp 54-790-020 Datasheet HTML 7Page - API Technologies Corp 54-790-020 Datasheet HTML 8Page - API Technologies Corp 54-790-020 Datasheet HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Resin Sealed Bolt-in Filters
20
22
24
20
20
20
24
24
12
12
9
9
15
25
30
34
9
10
15
30
30
30
35
35
5
15
15
20
20
20
20
22
35
40
41
18
18
24
37
37
37
41
41
11
11
9
24
24
29
29
29
9
29
30
40
45
45
27
25
33
45
45
45
45
45
3
15
3
15
20
20
20
33
33
38
38
35
20
38
35
45
50
50
10
33
33
37
45
45
50
50
50
10
25
10
10
10
20
28
28
28
37
37
45
45
45
28
45
Minimum Insertion Loss (dB)
50
50
50
50
100
100
100
100
100
100
100
100
100
100
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
300
300
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number
* Tinned, steel leads.
¦
Also available through API’s authorized distributors.
4-40 C Circuit
¦
SCI-9110-100
¦
9900-381-6004
9900-381-6026
¦
9900-381-6006
¦
54-790-023
¦
54790001X5F101M
54-790-019
9900-381-6013
54-790-020
SCI-9112-273
SCI-9110-273
54-790-022
¦
SCI-9112-503
SCI-9110-503
54-862-001
54-862-002
54-862-003
¦
9900-381-6020
SCI-9122-101
SCI-9120-101
9900-381-6021
SCI-9122-102
SCI-9120-102
¦
9900-381-6022
SCI-9122-502
SCI-9120-502
SCI-9122-103
SCI-9120-103
9900-381-6005
¦
54-790-018
¦
54-790-021
See
Pg. LP12
for Fig.
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
3
MHz
3
2
2
2
1
1
1
2
1
3
3
1
3
3
4
4
4
2
3
3
2
3
3
2
3
3
3
3
2
1
1
10
10
10
10
10
10
10
10
10
3
10
10
3
10
10
10
10
10
3
10
10
3
10
10
3
10
3
10
10
10
10
10 pF
5000 pF
0.031 µF
0.045 µF
0.050 µF
100 pF ± 20%
2700 pF
2700 pF
5600 pF
0.027 µF
0.027 µF
0.027 µF
0.05 µF
0.05 µF
10 pF
100 pF
1000 pF
100 pF
100 pF
100 pF
500 pF
1000 pF
1000 pF
1200 pF
5000 pF
5000 pF
0.01 µF
0.01 µF
0.015 µF
1000 pF
0.01 µF
10
45
55
55
60
20
35
40
40
55
55
55
60
60
10
20
35
20
20
20
35
28
28
35
40
40
50
50
50
28
50
10
55
60
60
60
25
35
50
40
60
60
60
60
60
10
28
40
28
20
20
40
40
40
45
50
50
55
55
60
40
50
A
0.032
0.016
0.020
0.016
0.020
0.016
0.020
0.016
0.020
0.016
0.020
0.016
0.020
115
115
115
115
115
115
115
115
AC
(0.81)
(0.41)*
(0.51)
(0.41)*
(0.51)
(0.41)*
(0.51)
(0.41)*
(0.51)
(0.41)*
(0.51)
(0.41)*
(0.51)
In
(mm)
12
14
15
10
10
10
15
15
7
1
MHz
LP13


Numéro de pièce similaire - 54-790-020

FabricantNo de pièceFiches techniqueDescription
logo
API Technologies Corp
54-790-020 APITECH-54-790-020 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
More results

Description similaire - 54-790-020

FabricantNo de pièceFiches techniqueDescription
logo
API Technologies Corp
SCI-9110-100 APITECH-SCI-9110-100 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
logo
Fox Electronics
FQ5032B-20 FOX-FQ5032B-20 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-6.000 FOX-FQ1045A-6.000 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-24.000 FOX-FQ3225B-24.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-24.576 FOX-FQ5032B-24.576 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com