Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7468D Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce TDA7468D
Description  TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7468D Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button TDA7468D Datasheet HTML 3Page - STMicroelectronics TDA7468D Datasheet HTML 4Page - STMicroelectronics TDA7468D Datasheet HTML 5Page - STMicroelectronics TDA7468D Datasheet HTML 6Page - STMicroelectronics TDA7468D Datasheet HTML 7Page - STMicroelectronics TDA7468D Datasheet HTML 8Page - STMicroelectronics TDA7468D Datasheet HTML 9Page - STMicroelectronics TDA7468D Datasheet HTML 10Page - STMicroelectronics TDA7468D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/22
TDA7468D
3
APPLICATION SUGGESTIONS
The first and the last stages are volume control blocks. The control range is 0 to -63dB (mute) with 1dB
step resolution for this first one, 0 to 24dB (mute) with 8dB step resolution for the last one.
The very high resolution allows the implementation of systems free from any noisy acoustical effect.
The TDA7468D audioprocessor provides 2 bands tones control.
3.1 Bass, Stages
The Bass cell has an internal resistor Ri = 44KΩ typical.
Several filter types can be implemented, connecting external components to the Bass IN and OUT pins.
The fig.5 refers to basic T Type Bandpass Filter starting from the filter component values (R1 internal and
R2,C1,C2 external) the centre frequency Fc, the gain Av at max. boost and the filter Q factor are computed
as follows:
Viceversa, once FC, AV, and Ri internal value are fixed, the external components values will be:
3.2 Treble Stage
The treble stage is a high pass filter whose time constant is fixed by an internal resistor (25K
Ω typical) and
an external capacitor connected between treble pins and ground.
3.3 CREF
The suggested 10
µF reference capacitor (CREF) value can be reduced to 4.7µF if the application requires
faster power ON.
Figure 5.
F
C
1
2
π
R1 R2 C 1 C2
⋅⋅
⋅⋅
-----------------------------------------------------------------
=
A
V
R2 C2
R2 C1
R i C1
+
+
R2 C1
R2 C2
+
----------------------------------------------------------------
=
Q
R 1 R2 C1 C 2
⋅⋅
R2 C1
R2 C2
+
--------------------------------------------------
=
C1
A
V
1
2
π F
C
R
i
Q
⋅⋅
------------------------------------------
C2
Q
2
C1
A
V
1
Q
2
------------------------------
==
R2
A
V
1
Q
2
2
π C1 F
C
A
V
1
() Q
⋅⋅
⋅⋅
-----------------------------------------------------------------------
=
Ri internal
C2
OUT
IN
C1
R2
D95AU313


Numéro de pièce similaire - TDA7468D

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7468D STMICROELECTRONICS-TDA7468D Datasheet
254Kb / 23P
   TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
April 2010 Rev. 4
TDA7468D13TR STMICROELECTRONICS-TDA7468D13TR Datasheet
254Kb / 23P
   TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
April 2010 Rev. 4
More results

Description similaire - TDA7468D

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7468 STMICROELECTRONICS-TDA7468 Datasheet
254Kb / 23P
   TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
April 2010 Rev. 4
TDA7438 STMICROELECTRONICS-TDA7438_04 Datasheet
198Kb / 19P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7439 STMICROELECTRONICS-TDA7439 Datasheet
167Kb / 19P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
June 2004 REV. 10
TDA7438 STMICROELECTRONICS-TDA7438 Datasheet
150Kb / 17P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7439DS STMICROELECTRONICS-TDA7439DS Datasheet
140Kb / 16P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
160Kb / 20P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
July 1999
TDA7429 STMICROELECTRONICS-TDA7429 Datasheet
243Kb / 22P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
TDA7345 STMICROELECTRONICS-TDA7345 Datasheet
122Kb / 18P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
November 1999
logo
New Japan Radio
NJM2706 NJRC-NJM2706 Datasheet
125Kb / 15P
   3D Surround Audio Processor with Dynamic Bass Boost
logo
STMicroelectronics
TDA7442 STMICROELECTRONICS-TDA7442 Datasheet
154Kb / 17P
   TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com