Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBD6050-HE3-08 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce MMBD6050-HE3-08
Description  Small Signal Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMBD6050-HE3-08 Fiches technique(HTML) 2 Page - Vishay Siliconix

  MMBD6050-HE3-08 Datasheet HTML 1Page - Vishay Siliconix MMBD6050-HE3-08 Datasheet HTML 2Page - Vishay Siliconix MMBD6050-HE3-08 Datasheet HTML 3Page - Vishay Siliconix MMBD6050-HE3-08 Datasheet HTML 4Page - Vishay Siliconix MMBD6050-HE3-08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBD6050
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 15-May-13
2
Document Number: 85735
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Dynamic Forward Resistance vs. Forward Current
Fig. 2 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 3 - Dynamic Forward Resistance vs. Forward Current
Fig. 4 - Relative Capacitance vs. Reverse Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR = 100 μA
V(BR)
70
V
Forward voltage
IF = 1 mA
VF
0.55
0.7
V
IF = 100 mA
VF
0.85
1.1
V
Reverse leakage current
VR = 50 V
IR
100
nA
Reverse recovery time
IF = IR = 10 mA, iR = 1 mA
trr
4ns
Diode capacitance
VR = 0
CD
2.5
pF
10
100
1
1
100
10
18861
IF - Forward Current (mA)
200
18889
Tamb -Ambient Temperature ( °C)
500
400
300
200
100
20 40 60 80 100 120 140 160 180
0
0
18662
1
10
100
1000
10000
110
0.1
0.01
100
IF - Forward Current (mA)
=25
°C
Tj
f=1kHz
18664
2468
0
1.1
1.0
0.9
0.8
0.7
10
VR - Reverse Voltage (V)
=25
°C
Tj
f=1MHz


Numéro de pièce similaire - MMBD6050-HE3-08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
MMBD6050-G VISHAY-MMBD6050-G Datasheet
97Kb / 5P
   Small Signal Switching Diode
Rev. 1.0, 15-May-13
MMBD6050-G VISHAY-MMBD6050-G Datasheet
105Kb / 5P
   Small Signal Switching Diode
01-Jan-2022
MMBD6050-G3-08 VISHAY-MMBD6050-G3-08 Datasheet
97Kb / 5P
   Small Signal Switching Diode
Rev. 1.0, 15-May-13
MMBD6050-G3-18 VISHAY-MMBD6050-G3-18 Datasheet
97Kb / 5P
   Small Signal Switching Diode
Rev. 1.0, 15-May-13
MMBD6050-G VISHAY-MMBD6050-G_V01 Datasheet
105Kb / 5P
   Small Signal Switching Diode
01-Jan-2022
More results

Description similaire - MMBD6050-HE3-08

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com