Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS389033QDSERQ1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS389033QDSERQ1
Description  Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS389033QDSERQ1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS389033QDSERQ1 Datasheet HTML 4Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 5Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 6Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 7Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 8Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 9Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 10Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 11Page - Texas Instruments TPS389033QDSERQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
0
100
200
300
400
500
600
D008
VCC = 1.5 V
VCC = 3.3 V
VCC = 5.5 V
Overdrive (%)
1
10
100
29
30
31
32
33
34
D009
-40qC
0qC
25qC
85qC
125qC
Temperature (qC)
-50
-25
0
25
50
75
100
125
0
0.25
0.5
0.75
1
D006
VIL
VIH
Temperature (qC)
-50
-25
0
25
50
75
100
125
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
VIL
VIH
VDD (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
1
2
3
4
5
6
D004
-40qC
0qC
25qC
85qC
105qC
125qC
VDD (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
1
2
3
4
5
6
D003
-40qC
0qC
25qC
85qC
105qC
125q
8
TPS3890-Q1
SBVS303 – MARCH 2017
www.ti.com
Product Folder Links: TPS3890-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
over the operating junction temperature range of –40°C to +125°C, 1.5 V
≤ VDD ≤ 5.5 V, and MR = VDD (unless otherwise
noted)
MR = VDD
Figure 8. Supply Current vs Power-Supply Voltage
MR = 0 V
Figure 9. Supply Current vs Power-Supply Voltage
VDD = 1.5 V
Figure 10. MR Threshold vs Temperature
VDD = 5.5 V
Figure 11. MR Threshold vs Temperature
Figure 12. Startup Delay vs Temperature
VDD = 5.5 V
Figure 13. Propagation Delay (tPD(r)) vs Overdrive


Numéro de pièce similaire - TPS389033QDSERQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS389033QDSERQ1 TI1-TPS389033QDSERQ1 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS389033QDSERQ1 TI1-TPS389033QDSERQ1 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
More results

Description similaire - TPS389033QDSERQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3890-Q1 TI1-TPS3890-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890 TI1-TPS3890_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890-Q1 TI1-TPS3890-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890 TI1-TPS3890 Datasheet
145Kb / 6P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3818 TI-TPS3818 Datasheet
633Kb / 16P
[Old version datasheet]   Low Quiescent Current, Accurate Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com