Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV99T Fiches technique(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce BAV99T
Description  SURFACE MOUNT FAST SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAV99T Fiches technique(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  BAV99T Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAV99T Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAV99T Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Production specification
SURFACE MOUNT FAST SWITCHING DIODE
BAV99T
H024
www.gmicroelec.com
Rev.A
3
PACKAGE OUTLINE
Plastic surface mounted package
SOT-523
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
SOT-523
Dim
Min
Max
A
1.5
1.7
B
0.75
0.85
C
0.6
0.8
D
0.15
0.3
G
0.9
1.1
H
0.02
0.1
J
0.1Typical
K
1.45
1.75
All Dimensions in mm
Device
Package
Shipping
BAV99T
SOT-523
3000/Tape&Reel
H
J
G
K
D
C
B
A


Numéro de pièce similaire - BAV99T

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAV99T DIODES-BAV99T Datasheet
200Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 3 - 2
logo
Yea Shin Technology Co....
BAV99T YEASHIN-BAV99T Datasheet
483Kb / 2P
   150mW SOT-523 SURFACE MOUNT
logo
DAESAN ELECTRONIC CORP.
BAV99T DAESAN-BAV99T Datasheet
469Kb / 2P
   SWITCHING DIODE
logo
Infineon Technologies A...
BAV99T INFINEON-BAV99T Datasheet
487Kb / 8P
   Silicon Switching Diode
Mar-10-2004
logo
Jiangsu Changjiang Elec...
BAV99T JIANGSU-BAV99T Datasheet
2Mb / 4P
   SWITCHING DIODE
More results

Description similaire - BAV99T

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com