Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS516 Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce BAS516
Description  High Speed Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAS516 Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BAS516_14 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAS516_14 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAS516_14 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BAS516_14 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
High Speed Switching Diode
BAS516
H002
www.gmicroelec.com
Rev.A
1
FEATURES
Ultra small plastic SMD package.
High switching speed: max.4ns.
Continuous reverse voltage: max.75V.
Repetitive peak reverse voltage: max.85V
Repetitive peak forward current: max.500mA
SOD-523
APPLICATIONS
High-speed switching in surface mounted circuits.
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS516
61
SOD-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Repetitive peak reverse voltage
VRRM
85
V
Continuous reverse voltage
VR
75
V
Continuous forward current
IF
250
mA
Repetitive forward current
IFRM
500
mA
Non-repetitive peak forward surge current
t=1μs
t=1ms
t=1s
IFSM
4
1
0.5
A
Total power dissipation
Ptot
200
mW
Thermal resistance from junction to
soldering point
R th j-s
120
K/W
Junction temperature
Tj
150
Storage temperature
Tstg
-65 to +150
Pb
Lead-free


Numéro de pièce similaire - BAS516_14

FabricantNo de pièceFiches techniqueDescription
logo
SHENZHEN YONGERJIA INDU...
BAS516 WINNERJOIN-BAS516_15 Datasheet
162Kb / 1P
   Switching Diodes
logo
Micro Commercial Compon...
BAS516 MCC-BAS516_17 Datasheet
476Kb / 3P
   Switching Diode
logo
Galaxy Semi-Conductor H...
BAS516 BILIN-BAS516_17 Datasheet
125Kb / 4P
   High Speed Switching Diode
More results

Description similaire - BAS516_14

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com