Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS70M-05 Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce BAS70M-05
Description  Surface mount schottky barrier diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAS70M-05 Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BAS70M-05 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAS70M-05 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAS70M-05 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface mount schottky barrier diode
BAS70M/-04/-05/-06
N015
www.gmicroelec.com
Rev.A
1
FEATURES
Low turn-on voltage.
Fast switching.
PN Junction guard ring for transient and
BAS70M
BAS70M-04
ESD protection.
Ultra-small surface mount package.
Also available in lead free version.
BAS70M-05
BAS70M-06
APPLICATIONS
High speed switching applications.
Circuit protecting.
SOT-723
Voltage clamping.
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS70M
73
SOT-723
BAS70M-04
74
SOT-723
BAS70M-05
75
SOT-723
BAS70M-06
76
SOT-723
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Limits
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Reverse Voltage
VRRM
VRWM
VR
70
V
RMS Reverse voltage
VR(RMS)
49
V
Forward Continuous Current
IF
70
mA
Non-Repetitive Peak Forward Surge Current
@tp<1.0s
IFSM
100
mA
Power Dissipation
Pd
150
mW
Thermal Resistance, Junction to Ambient Air
RθjA
625
/W
Operating Junction Temperature Range
Tj
-55 to +125
Storage Temperature Range
TSTG
-65 to +150
Pb
Lead-free


Numéro de pièce similaire - BAS70M-05

FabricantNo de pièceFiches techniqueDescription
logo
Galaxy Semi-Conductor H...
BAS70M-05 BILIN-BAS70M-05 Datasheet
270Kb / 3P
   Surface mount schottky barrier diode
More results

Description similaire - BAS70M-05

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com