Moteur de recherche de fiches techniques de composants électroniques |
|
BAS40-04 Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited |
|
BAS40-04 Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited |
1 / 3 page Production specification Surface mount schottky barrier diode BAS40/-04/-05/-06 C029 www.gmicroelec.com Rev.A 1 SFEATURES Low turn-on voltage. Fast switching. PN Junction guard ring for transient and BAS40 BAS40-04 ESD protection. APPLICATIONS High speed switching applications. Circuit protecting. BAS40-05 BAS40-06 Voltage clamping. SOT-23 ORDERING INFORMATION Type No. Marking Package Code BAS40 43 SOT-23 BAS40-04 44 SOT-23 BAS40-05 45 SOT-23 BAS40-06 46 SOT-23 MAXIMUM RATING @ Ta=25℃ unless otherwise specified Characteristic Symbol Limits Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Reverse Voltage VRRM VRWM VR 40 V Forward Continuous Current IFM 200 mA Power Dissipation Pd 350 mW Forward Surge IFSM 600 mA Thermal Resistance, Junction to Ambient Air RθjA 357 ℃ /W Operating Junction Temperature Range Tj -55 to +125 ℃ Storage Temperature Range TSTG -65 to +150 ℃ Pb Lead-free |
Numéro de pièce similaire - BAS40-04 |
|
Description similaire - BAS40-04 |