Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS16W Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce BAS16W
Description  Surface Mount Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAS16W Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BAS16W_14 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAS16W_14 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAS16W_14 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Switching Diode
BAS16W
F015
www.gmicroelec.com
Rev.B
1
FEATURES
Fast switching speed.
High conductance.
For general purpose switching applications.
Surface mount package ideally suited
for automatic insertion.
APPLICATIONS
SOT-323
For general purpose switching applications.
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS16W
A2
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Pek Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Average Rectified Output Current
IO
150
mA
Non-Repetitive
Peak
Forward
Surge
Current
@t=1μS
@t=1S
IFSM
2.0
1.0
A
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient Air
RθJA
625
℃/W
Operating and Storage temperature range
Tj Tstg
-65 to +150
Pb
Lead-free


Numéro de pièce similaire - BAS16W_14

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BAS16WT1 MOTOROLA-BAS16WT1 Datasheet
98Kb / 6P
   CASE 419-02, STYLE 2 SC-70/SOT-323
logo
ON Semiconductor
BAS16WT1 ONSEMI-BAS16WT1 Datasheet
57Kb / 6P
   Silicon Switching Diode
June, 2005??Rev. 6
BAS16WT1G ONSEMI-BAS16WT1G Datasheet
57Kb / 6P
   Silicon Switching Diode
June, 2005??Rev. 6
BAS16WT1G ONSEMI-BAS16WT1G Datasheet
124Kb / 5P
   Silicon Switching Diode
October, 2010-- Rev. 8
BAS16WT1G ONSEMI-BAS16WT1G Datasheet
134Kb / 5P
   Silicon Switching Diode
October, 2011??Rev. 9
More results

Description similaire - BAS16W_14

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com