Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVC4T245D Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AVC4T245D
Description  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC4T245D Fiches technique(HTML) 5 Page - Texas Instruments

  SN74AVC4T245D Datasheet HTML 1Page - Texas Instruments SN74AVC4T245D Datasheet HTML 2Page - Texas Instruments SN74AVC4T245D Datasheet HTML 3Page - Texas Instruments SN74AVC4T245D Datasheet HTML 4Page - Texas Instruments SN74AVC4T245D Datasheet HTML 5Page - Texas Instruments SN74AVC4T245D Datasheet HTML 6Page - Texas Instruments SN74AVC4T245D Datasheet HTML 7Page - Texas Instruments SN74AVC4T245D Datasheet HTML 8Page - Texas Instruments SN74AVC4T245D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN74AVC4T245
4BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES576A – JUNE 2004 – REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Notes 5 through 7)
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.2
3.6
V
VCCB
Supply voltage
1.2
3.6
V
High-level input
Data inputs
1.2 V to 1.95 V
VCCI × 0.65
VIH
High-level input
voltage
Data inputs
(see Note 8)
1.95 V to 2.7 V
1.6
V
VIH
voltage
(see Note 8)
2.7 V to 3.6 V
2
V
Low-level input
Data inputs
1.2 V to 1.95 V
VCCI × 0.35
VIL
Low-level input
voltage
Data inputs
(see Note 8)
1.95 V to 2.7 V
0.7
V
VIL
voltage
(see Note 8)
2.7 V to 3.6 V
0.8
V
High-level input
DIR
1.2 V to 1.95 V
VCCA × 0.65
VIH
High-level input
voltage
DIR
(referenced to VCCA)
1.95 V to 2.7 V
1.6
V
VIH
voltage
(referenced to VCCA)
(see Note 9)
2.7 V to 3.6 V
2
V
Low-level input
DIR
1.2 V to 1.95 V
VCCA × 0.35
VIL
Low-level input
voltage
DIR
(referenced to VCCA)
1.95 V to 2.7 V
0.7
V
VIL
voltage
(referenced to VCCA)
(see Note 9)
2.7 V to 3.6 V
0.8
V
VI
Input voltage
0
3.6
V
VO
Output voltage
Active state
0
VCCO
V
VO
Output voltage
3-state
0
3.6
V
1.1 V to 1.2 V
−3
1.4 V to 1.6 V
−6
IOH
High-level output current
1.65 V to 1.95 V
−8
mA
IOH
High-level output current
2.3 V to 2.7 V
−9
mA
3 V to 3.6 V
−12
1.1 V to 1.2 V
3
1.4 V to 1.6 V
6
IOL
Low-level output current
1.65 V to 1.95 V
8
mA
IOL
Low-level output current
2.3 V to 2.7 V
9
mA
3 V to 3.6 V
12
∆t/∆v
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTES:
5. VCCI is the VCC associated with the data input port.
6. VCCO is the VCC associated with the output port.
7. All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
8. For VCCI values not specified in the data sheet, VIH(min) = VCCI x 0.7 V, VIL(max) = VCCI x 0.3 V.
9. For VCCI values not specified in the data sheet, VIH(min) = VCCA x 0.7 V, VIL(max) = VCCA x 0.3 V.


Numéro de pièce similaire - SN74AVC4T245D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC4T245D TI-SN74AVC4T245D Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245D TI-SN74AVC4T245D Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245D TI1-SN74AVC4T245D Datasheet
1Mb / 35P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
SN74AVC4T245D TI1-SN74AVC4T245D Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
SN74AVC4T245DBR TI-SN74AVC4T245DBR Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - SN74AVC4T245D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_07 Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
842Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_10 Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_08 Datasheet
881Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com