Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54-367-058 Fiches technique(PDF) 16 Page - API Technologies Corp

No de pièce 54-367-058
Description  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-367-058 Fiches technique(HTML) 16 Page - API Technologies Corp

Back Button 54-367-058 Datasheet HTML 8Page - API Technologies Corp 54-367-058 Datasheet HTML 9Page - API Technologies Corp 54-367-058 Datasheet HTML 10Page - API Technologies Corp 54-367-058 Datasheet HTML 11Page - API Technologies Corp 54-367-058 Datasheet HTML 12Page - API Technologies Corp 54-367-058 Datasheet HTML 13Page - API Technologies Corp 54-367-058 Datasheet HTML 14Page - API Technologies Corp 54-367-058 Datasheet HTML 15Page - API Technologies Corp 54-367-058 Datasheet HTML 16Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
.560 Max.
(14.22)
L
.312
(7.92)
.115 ± .005
(2.92 ± .127)
ø .687 ± .015
(17.45 ± 0.38)
.062
(1.57) x .125 (3.18)
Slot, both ends
5/16–24 Unf–2A Thd.
.250
(6.35)
Figure 1
85°C
125°C
Rated Voltage
DC
AC
23
21
21
21
7
54
35
34
35
24
43
70
46
41
41
38
60
70
70
58
50
65
70
70
70
70
60
70
70
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
SCI-6140-004
SCI-6140-006
SCI-6140-007
SCI-6140-009
51-321-649
¦
51-321-610
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1.00
3.00
5.00
20.0
2.00
1.00
2.600
2.600
2.600
2.600
0.360
0.360
70
70
70
70
70
70
70
70
70
70
70
70
150
150
150
150
250
450
100
100
100
100
200
400
125
240
125
240
DC
AC
MIL
No
Max
L
1.195
1.195
1.195
1.195
1.195
1.195
(30.353)
(30.353)
(30.353)
(30.353)
(30.353)
(30.353)
In
(mm)
DCR
Max
Ohms
0.600
0.100
0.060
0.002
0.090
0.600
.591 Max.
(15.01)
L
.312
(7.92)
.125 Ref.
(3.175)
ø .680 Max.
(17.272)
.250
(6.35)
5/16–24 Unf–2A Thd.
.062
(1.57) x .125 (3.18)
Slot, both ends
Figure 2
85°C
125°C
Rated Voltage
DC
AC
5
19
14
20
32
21
23
62
36
35
70
70
60
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
51-321-607
51-321-608
51-321-670
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
2
1.50
4.00
10.0
0.250
0.250
0.500
70
70
70
70
70
60
200
200
300
125
125
115
DC
AC
M15733
MIL
No
27-0017
27-0018
54-0017
Max
L
1.195
1.195
1.177
(30.353)
(30.353)
(29.896)
In
(mm)
DCR
Max
Ohms
0.133
0.025
0.006
.690 ø T Circuit MIL Qualified Product
.690 ø T Circuit Standard Product
(See MIL index on pages CF8-10 for
complete MIL part number listing)
.690 ø T Circuit
Dimensions in inches
(mm)
¦
Also available through API’s authorized distributors.
LP41


Numéro de pièce similaire - 54-367-058

FabricantNo de pièceFiches techniqueDescription
logo
Spectrum Microwave, Inc...
54-367-058 SPECTRUM-54-367-058 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Description similaire - 54-367-058

FabricantNo de pièceFiches techniqueDescription
logo
Spectrum Microwave, Inc...
51-311-309 SPECTRUM-51-311-309 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com