Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

54-367-057 Datasheet(Fiches technique) 2 Page - API Technologies Corp

Numéro de pièce 54-367-057
Description  Hermetically Sealed Threaded Case Filters
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-367-057 Datasheet(HTML) 2 Page - API Technologies Corp

  54-367-057 Datenblatt HTML 1Page - API Technologies Corp 54-367-057 Datasheet HTML 2Page - API Technologies Corp 54-367-057 Datenblatt HTML 3Page - API Technologies Corp 54-367-057 Datenblatt HTML 4Page - API Technologies Corp 54-367-057 Datenblatt HTML 5Page - API Technologies Corp 54-367-057 Datenblatt HTML 6Page - API Technologies Corp 54-367-057 Datenblatt HTML 7Page - API Technologies Corp 54-367-057 Datenblatt HTML 8Page - API Technologies Corp 54-367-057 Datenblatt HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
85°C
125°C
Rated Voltage
DC
AC
15
20
26
6
7
28
34
40
19
6
14
20
5
33
39
46
25
15
19
28
10
44
50
55
36
26
6
30
39
18
60
60
60
55
42
25
50
55
38
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
¦
Also available through API’s authorized distributors.
.375 ø C Circuit Standard
¦
54-367-008
54-370-007
54-371-001
54-367-005
¦
9920-100-6002
54-367-007
¦
54-367-006
54-370-006
9923-100-6004
See Pg.
LP26
for Fig.
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1
15
15
15
15
15
15
15
15
15
1.400
2.800
4.000
0.450
0.150
0.015
0.250
0.500
0.060
70
70
70
70
55
45
65
70
55
70
70
70
70
70
50
70
70
70
80
80
80
150
200
250
250
250
400
50
50
50
100
150
200
200
200
400
125
125
125
125
240
DC
AC
MIL
No
Max
L
0.387
0.576
0.688
0.387
0.387
0.387
0.387
0.630
0.415
(9.830)
(14.630)
(17.475)
(9.830)
(9.830)
(9.830)
(9.830)
(16.002)
(10.541)
In
(mm)
DCR
Max
Ohms
0.005
0.005
0.005
0.005
0.005
0.005
0.005
0.005
0.005
Thd
Lgth
A
A
A
A
A
A
A
A
A
85°C
125°C
Rated Voltage
DC
AC
15
15
20
10
7
6
6
28
28
33
24
19
19
19
14
10
10
2
33
33
40
30
25
25
25
20
16
16
7
40
40
50
40
35
36
36
31
26
26
17
40
40
65
40
55
40
40
40
40
40
37
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
.375 ø C Circuit MIL Qualified
(See MIL index on pages CF9-11 for complete MIL part number listing)
54-367-054
54-367-049
54-370-032
54-367-055
54-370-030
54-367-051
54-367-056
54-367-057
54-367-053
54-367-058
54-370-034
See Pg.
LP26
for Fig.
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
2
1
1
1
1
1
1
15
15
15
15
10
15
15
15
15
15
15
1.200
1.200
2.100
0.700
0.300
0.450
0.450
0.250
0.150
0.150
0.062
70
70
70
64
70
60
60
56
52
52
55
70
70
70
70
70
70
70
70
70
70
70
50
50
50
70
100
100
100
150
200
200
330
125
125
DC
AC
M15733
M28861
MIL No
1-012
1-002
49-0008
1-014
34-0035
1-006
1-016
1-018
1-010
1-020
49-0010
Max
L
0.410
0.410
0.576
0.410
0.474
0.410
0.410
0.410
0.410
0.410
0.680
(10.414)
(10.414)
(14.630)
(10.414)
(12.040)
(10.414)
(10.414)
(10.414)
(10.414)
(10.414)
(17.272)
In
(mm)
DCR
Max
Ohms
0.008
0.008
0.010
0.008
0.004
0.008
0.008
0.008
0.008
0.008
0.004
Thd
Lgth
B
A
A
B
A
A
B
B
A
B
A
LP27


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn