Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54-367-057 Fiches technique(PDF) 15 Page - API Technologies Corp

No de pièce 54-367-057
Description  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-367-057 Fiches technique(HTML) 15 Page - API Technologies Corp

Back Button 54-367-057 Datasheet HTML 8Page - API Technologies Corp 54-367-057 Datasheet HTML 9Page - API Technologies Corp 54-367-057 Datasheet HTML 10Page - API Technologies Corp 54-367-057 Datasheet HTML 11Page - API Technologies Corp 54-367-057 Datasheet HTML 12Page - API Technologies Corp 54-367-057 Datasheet HTML 13Page - API Technologies Corp 54-367-057 Datasheet HTML 14Page - API Technologies Corp 54-367-057 Datasheet HTML 15Page - API Technologies Corp 54-367-057 Datasheet HTML 16Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
85°C
125°C
Rated Voltage
DC
AC
35
23
69
31
53
31
11
70
35
70
51
30
70
35
70
70
65
70
70
70
70
70
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
51-321-322
SCI-6130-009
51-321-317
¦
51-321-318
¦
51-321-319
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1.00
20.0
1.00
3.00
5.00
2.800
5.200
0.720
0.720
0.720
70
70
70
70
70
70
70
70
70
70
150
150
450
450
450
100
100
400
400
400
240
240
240
*240
*240
*240
DC
AC
MIL
No
Max
L
1.195
1.195
1.195
1.195
1.195
(30.353)
(30.353)
(30.353)
(30.353)
(30.353)
In
(mm)
DCR
Max
Ohms
0.210
0.001
0.400
0.030
0.020
85°C
125°C
Rated Voltage
DC
AC
47
43
10
16
16
65
61
28
18
18
80
80
64
48
48
80
80
80
80
80
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
51-321-312
51-323-313
51-321-313
¦
51-321-314
51-321-329
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1.00
1.00
5.00
10.0
10.0
0.500
0.500
0.500
0.500
0.500
70
70
70
70
70
70
70
70
70
70
200
200
200
200
200
125
125
125
125
125
DC
AC
M15733
MIL
No
27-0004
27-0003
27-0010
27-0013
34-0005
Max
L
1.195
1.031
1.195
1.195
1.195
(30.353)
(26.187)
(30.353)
(30.353)
(30.353)
In
(mm)
DCR
Max
Ohms
0.250
0.270
0.024
0.008
0.075
.690 ø Pi Circuit MIL Qualified Product
.690 ø Pi Circuit Standard Product
(See MIL index on pages CF8-10 for com-
plete MIL part number listing)
.560 Max.
(14.22)
L
.312
(7.92)
.115 ± .005
(2.921 ± .127)
.250
(6.35)
ø .687 ± .015
(17.45 ± .38)
.062
(1.57) x .125 (3.18)
Slot, both ends
5/16–24 Unf–2A Thd.
Figure 1
.555 Max.
(14.10)
.312
(7.92)
L
.140 Max.
(3.56)
5/16–24 Unf–2A Thd.
.250
(6.35)
ø .687 ± .015
(17.45 ± .38)
.062
(1.57) x .125 (3.18)
Slot, both ends
Figure 2
* 0-60 Hz
85°C
125°C
Rated Voltage
DC
AC
27
46
30
12
74
60
50
30
80
80
80
80
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
51-321-398
51-321-399
51-321-400
51-321-401
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
2
2
2
2
1.00
3.00
5.00
10.0
0.200
0.200
0.200
0.200
80
80
80
80
80
80
80
80
400
400
400
400
230
230
230
230
DC
AC
84084
No
-013
-014
-015
-016
Max
L
1.200
1.200
1.200
1.200
(30.480)
(30.480)
(30.480)
(30.480)
In
(mm)
DCR
Max
Ohms
0.150
0.026
0.013
0.008
.690 ø Pi Circuit DSCC 84084 Product
.690 ø Pi Circuit
Dimensions in inches
(mm)
LP40
¦
Also available through API’s authorized distributors.


Numéro de pièce similaire - 54-367-057

FabricantNo de pièceFiches techniqueDescription
logo
Spectrum Microwave, Inc...
54-367-057 SPECTRUM-54-367-057 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Description similaire - 54-367-057

FabricantNo de pièceFiches techniqueDescription
logo
Spectrum Microwave, Inc...
51-311-309 SPECTRUM-51-311-309 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com