Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

54-367-056 Datasheet(Fiches technique) 6 Page - API Technologies Corp

Numéro de pièce 54-367-056
Description  Hermetically Sealed Threaded Case Filters
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-367-056 Datasheet(HTML) 6 Page - API Technologies Corp

Back Button 54-367-056 Datenblatt HTML 2Page - API Technologies Corp 54-367-056 Datenblatt HTML 3Page - API Technologies Corp 54-367-056 Datenblatt HTML 4Page - API Technologies Corp 54-367-056 Datenblatt HTML 5Page - API Technologies Corp 54-367-056 Datasheet HTML 6Page - API Technologies Corp 54-367-056 Datenblatt HTML 7Page - API Technologies Corp 54-367-056 Datenblatt HTML 8Page - API Technologies Corp 54-367-056 Datenblatt HTML 9Page - API Technologies Corp 54-367-056 Datenblatt HTML 10Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
85°C
125°C
Rated Voltage
DC
AC
15
14
15
9
6
14
28
28
28
27
20
28
17
17
13
13
12
15
23
10
8
8
8
8
33
33
33
36
26
34
29
29
20
20
20
20
35
21
14
14
14
14
44
44
44
57
37
44
50
50
35
35
30
30
56
41
30
26
25
25
60
60
60
70
68
52
70
70
70
70
62
50
70
70
70
64
45
45
Minimum Insertion Loss (dB)
CKT
Min
Cap
µF
150
KHz
Part Number
.375 ø L Circuit Standard Product continued
¦
9200-303-0095
51-353-101
51-353-109
51-353-120
9000-103-0019
SCI-2120-014
51-353-110
¦
51-353-111
51-353-112
¦
51-353-113
51-353-114
51-353-116
SCI-2320-010
SCI-2320-004
SCI-2320-005
SCI-2320-006
SCI-2320-007
SCI-2320-014
See Pg.
LP30
for Fig
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
LB
LT
LT
LB
LT
LB
LT
LB
LT
LB
LT
LT
LB
LB
LB
LB
LB
LB
1.200
1.400
1.400
0.750
0.450
1.000
0.250
0.250
0.250
0.250
0.250
0.250
0.150
0.150
0.150
0.150
0.150
0.150
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
52
52
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
80
80
80
150
150
150
250
250
250
250
250
250
300
300
300
300
300
300
50
50
50
100
100
100
200
200
200
200
200
200
300
300
300
300
300
300
125
125
125
125
125
125
125
125
125
125
125
125
DC
AC
MIL
No
Max
L
0.450
0.450
0.450
0.758
0.758
0.450
0.758
0.758
0.758
0.758
0.758
0.450
0.758
0.758
0.758
0.758
0.450
0.450
(11.430)
(11.430)
(11.430)
(19.253)
(19.253)
(11.430)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(11.430)
(19.253)
(19.253)
(19.253)
(19.253)
(11.430)
(11.430)
In
(mm)
DCR
Max
Ohms
0.010
0.010
0.010
0.250
0.015
0.003
0.250
0.250
0.050
0.050
0.015
0.010
1.000
0.250
0.063
0.027
0.003
0.003
Thd
Lgth
B
A
B
A
B
B
A
A
A
A
A
A
B
A
A
A
A
B
I
Amp
10.00
10.00
10.00
1.00
5.00
10.00
1.00
1.00
3.00
3.00
5.00
10.00
0.50
1.00
2.00
3.00
10.00
10.00
85°C
125°C
Rated Voltage
DC
AC
12
11
10
15
15
15
15
14
15
15
15
6
6
6
6
6
36
26
24
28
28
28
28
28
28
28
28
23
17
17
20
17
48
36
32
31
31
33
31
34
31
33
33
34
23
23
26
23
69
55
48
42
42
44
42
44
42
44
44
55
35
35
35
35
70
70
70
56
56
60
56
52
56
64
64
70
69
69
60
69
Minimum Insertion Loss (dB)
CKT
Min
Cap
µF
150
KHz
Part Number
.375 ø L Circuit MIL Qualified Profile
51-390-018
51-390-026
51-390-034
¦
51-353-067
51-353-207
51-444-072
¦
51-353-066
51-353-287
¦
51-444-060
¦
51-343-028
¦
51-343-034
51-353-053
¦
51-353-054
¦
51-353-055
51-353-155
51-444-039
See Pg.
LP30
for Fig
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
LB
LB
LB
LB
LB
LT
LB
LT
LT
LB
LB
LB
LT
LB
LB
LT
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
0.450
0.450
0.450
0.450
0.450
70
70
70
70
70
70
70
70
70
70
70
70
70
70
60
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
80
80
80
80
50
50
50
50
50
50
50
50
50
50
50
100
100
100
100
100
DC
AC
M15733
MIL
No
23-0026
23-0038
23-0050
24-0006
34-0007
58-0002
24-0005
39-0014
24-0008
38-0002
38-0006
25-0003
25-0005
25-0008
39-0008
25-0017
Max
L
0.630
0.630
0.630
0.760
0.760
0.545
0.760
0.760
0.740
0.481
0.481
0.738
0.758
0.738
0.760
0.758
(16.002)
(16.002)
(16.002)
(19.304)
(19.304)
(13.843)
(19.304)
(19.304)
(18.796)
(12.217)
(12.217)
(18.745)
(19.253)
(18.745)
(19.304)
(19.253)
In
(mm)
DCR
Max
Ohms
0.360
0.140
0.070
0.010
0.010
0.008
0.010
0.003
0.010
0.008
0.008
0.250
0.015
0.015
0.015
0.015
Thd
Lgth
A
A
A
B
A
A
A
B
B
A
B
A
A
A
A
B
I
Amp
0.50
1.00
2.00
10.00
10.00
10.00
10.00
10.00
10.00
15.00
15.00
1.00
5.00
5.00
5.00
5.00
(See MIL index on pages CF9-11 for
complete MIL part number listing)
¦
Also available through API’s authorized distributors.
Threaded
End
Threaded
End
L-C Filter LT
L-C Filter LB
LP31


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn