Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

54-367-006 Fiches technique(PDF) 13 Page - API Technologies Corp

No de pièce 54-367-006
Description  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-367-006 Fiches technique(HTML) 13 Page - API Technologies Corp

Back Button 54-367-006 Datasheet HTML 8Page - API Technologies Corp 54-367-006 Datasheet HTML 9Page - API Technologies Corp 54-367-006 Datasheet HTML 10Page - API Technologies Corp 54-367-006 Datasheet HTML 11Page - API Technologies Corp 54-367-006 Datasheet HTML 12Page - API Technologies Corp 54-367-006 Datasheet HTML 13Page - API Technologies Corp 54-367-006 Datasheet HTML 14Page - API Technologies Corp 54-367-006 Datasheet HTML 15Page - API Technologies Corp 54-367-006 Datasheet HTML 16Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
.250
(6.35)
.560 Max.
(14.22)
.312
(7.92)
.115 ± .005
(2.92 ± .127)
5/16–24 Unf–2A Thd.
ø .687 ± .015
(17.45 ± .38)
.062
(1.57) x .125 (3.17)
Slot, both ends
L
Figure 1
85°C
125°C
Rated Voltage
DC
AC
16
18
18
5
5
5
5
5
6
24
32
32
19
30
21
19
12
19
17
10
14
24
34
39
39
25
38
33
25
18
25
23
16
32
35
44
49
49
35
60
55
45
30
35
34
29
52
56
60
70
60
50
70
70
70
60
48
48
45
70
70
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
9010-100-0049
SCI-6120-008
SCI-6120-009
51-320-041
51-320-024
51-320-100
¦
51-320-026
51-320-103
51-322-007
51-322-015
51-322-036
9010-100-0054
SCI-6320-004
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1
2
2
1
1
10.0
10.0
20.0
10.0
1.00
1.00
3.00
5.00
15.0
25.0
25.0
1.00
1.00
1.400
2.600
2.600
0.500
0.360
0.250
0.360
0.360
0.360
0.360
0.250
0.150
0.400
70
70
70
70
70
70
70
70
62
62
60
70
70
150
150
150
250
450
450
450
450
450
450
450
450
300
100
100
100
200
400
400
400
400
400
400
400
300
300
240
240
240
240
240
240
240
240
125
240
240
240
240
240
240
240
240
125
DC
AC
MIL
No
Max
L
0.905
0.959
0.905
0.905
0.905
0.905
0.905
0.905
0.650
0.750
0.750
0.905
0.959
(22.987)
(24.359)
(22.987)
(22.987)
(22.987)
(22.987)
(22.987)
(22.987)
(16.510)
(19.050)
(19.050)
(22.987)
(24.359)
In
(mm)
DCR
Max
Ohms
0.005
0.006
0.001
0.008
0.210
0.210
0.030
0.010
0.007
0.007
0.007
0.250
0.300
.250
(6.35)
.735 Max.
(18.62)
.312
(7.92)
L
ø .687 ± .015
(17.45 ± .38)
5/16–24 Unf–2A Thd.
.093
(2.36)
ø Hole, both ends
Figure 2
CKT
LT
LB
LB
LT
LT
LT
LT
LB
LB
LT
LB
LT
LB
¦
Also available through API’s authorized distributors.
70
70
70
70
70
70
70
70
70
70
70
70
70
Dimensions in inches
(mm)
.690 ø L Circuit
.690 ø L Circuit Standard Product
LP38


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn