Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

54-367-005 Fiches technique(PDF) 16 Page - API Technologies Corp

No de pièce 54-367-005
Description  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-367-005 Fiches technique(HTML) 16 Page - API Technologies Corp

Back Button 54-367-005 Datasheet HTML 8Page - API Technologies Corp 54-367-005 Datasheet HTML 9Page - API Technologies Corp 54-367-005 Datasheet HTML 10Page - API Technologies Corp 54-367-005 Datasheet HTML 11Page - API Technologies Corp 54-367-005 Datasheet HTML 12Page - API Technologies Corp 54-367-005 Datasheet HTML 13Page - API Technologies Corp 54-367-005 Datasheet HTML 14Page - API Technologies Corp 54-367-005 Datasheet HTML 15Page - API Technologies Corp 54-367-005 Datasheet HTML 16Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
.560 Max.
(14.22)
L
.312
(7.92)
.115 ± .005
(2.92 ± .127)
ø .687 ± .015
(17.45 ± 0.38)
.062
(1.57) x .125 (3.18)
Slot, both ends
5/16–24 Unf–2A Thd.
.250
(6.35)
Figure 1
85°C
125°C
Rated Voltage
DC
AC
23
21
21
21
7
54
35
34
35
24
43
70
46
41
41
38
60
70
70
58
50
65
70
70
70
70
60
70
70
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
SCI-6140-004
SCI-6140-006
SCI-6140-007
SCI-6140-009
51-321-649
¦
51-321-610
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1.00
3.00
5.00
20.0
2.00
1.00
2.600
2.600
2.600
2.600
0.360
0.360
70
70
70
70
70
70
70
70
70
70
70
70
150
150
150
150
250
450
100
100
100
100
200
400
125
240
125
240
DC
AC
MIL
No
Max
L
1.195
1.195
1.195
1.195
1.195
1.195
(30.353)
(30.353)
(30.353)
(30.353)
(30.353)
(30.353)
In
(mm)
DCR
Max
Ohms
0.600
0.100
0.060
0.002
0.090
0.600
.591 Max.
(15.01)
L
.312
(7.92)
.125 Ref.
(3.175)
ø .680 Max.
(17.272)
.250
(6.35)
5/16–24 Unf–2A Thd.
.062
(1.57) x .125 (3.18)
Slot, both ends
Figure 2
85°C
125°C
Rated Voltage
DC
AC
5
19
14
20
32
21
23
62
36
35
70
70
60
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
51-321-607
51-321-608
51-321-670
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
2
1.50
4.00
10.0
0.250
0.250
0.500
70
70
70
70
70
60
200
200
300
125
125
115
DC
AC
M15733
MIL
No
27-0017
27-0018
54-0017
Max
L
1.195
1.195
1.177
(30.353)
(30.353)
(29.896)
In
(mm)
DCR
Max
Ohms
0.133
0.025
0.006
.690 ø T Circuit MIL Qualified Product
.690 ø T Circuit Standard Product
(See MIL index on pages CF8-10 for
complete MIL part number listing)
.690 ø T Circuit
Dimensions in inches
(mm)
¦
Also available through API’s authorized distributors.
LP41


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn